Electronic Components Datasheet Search
  English  ▼

X  

CDCM7005RGZR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM7005RGZR
Description  3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM7005RGZR Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCM7005RGZR Datasheet HTML 12Page - Texas Instruments CDCM7005RGZR Datasheet HTML 13Page - Texas Instruments CDCM7005RGZR Datasheet HTML 14Page - Texas Instruments CDCM7005RGZR Datasheet HTML 15Page - Texas Instruments CDCM7005RGZR Datasheet HTML 16Page - Texas Instruments CDCM7005RGZR Datasheet HTML 17Page - Texas Instruments CDCM7005RGZR Datasheet HTML 18Page - Texas Instruments CDCM7005RGZR Datasheet HTML 19Page - Texas Instruments CDCM7005RGZR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
S0078-01
V
CC
V
EE
VT =V
CC
– 2V
CDCM7005
Driver
LVPECL
Receiver
Z
=50
O
W
50W
50W
Z
=50
O
W
Yx
Yx
S0079-01
CDCM7005
LVCMOS
1kW
1kW
10pF
Y3
T0060-01
V
IH
V
IL
V
OH
V
OL
V
OH
V
OL
REF_IN
YxB
YxA
LVCMOS
LVPECL
t
pho LVPECL
50%V
CC
t
pho LVCMOS
CDCM7005
SCAS793E – JUNE 2005 – REVISED FEBRUARY 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 11. Phase Offset
Figure 12. LVCMOS Output Loading During Device Test
Figure 13. LVPECL Output Loading During Device Test
16
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links :CDCM7005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com