Electronic Components Datasheet Search
  English  ▼

X  

CDCU877A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCU877A
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877A Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCU877A Datasheet HTML 4Page - Texas Instruments CDCU877A Datasheet HTML 5Page - Texas Instruments CDCU877A Datasheet HTML 6Page - Texas Instruments CDCU877A Datasheet HTML 7Page - Texas Instruments CDCU877A Datasheet HTML 8Page - Texas Instruments CDCU877A Datasheet HTML 9Page - Texas Instruments CDCU877A Datasheet HTML 10Page - Texas Instruments CDCU877A Datasheet HTML 11Page - Texas Instruments CDCU877A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Z=60 W
L =2.97”
Z=60 W
L =2.97”
Z=120 W
C=10pF
C=10pF
GND
GND
VDD
CU877
R=1MW
C=1pF
R=1MW
C=1pF
VTT
VTT
SCOPE
Note:VTT =GND
Z=60 W
L =2.97”
Z=60 W
L =2.97”
C=10pF
C=10pF
CU877
R=50 W
VTT
VTT
SCOPE
Note:VTT =GND
Z=50 W
Z=50 W
R=10 W
R=10 W
−VDD/2
−VDD/2
VDD/2
−VDD/2
R=50 W
tcycle n
tcycle n+1
tjit(cc)
cycle n
cycle n+1
=t
− t
Yx, FBOUT
Yx,FBOUT
CDCU877,, CDCU877A
1.8-V PHASE LOCK LOOP CLOCK DRIVER
SCAS688D – JUNE 2005 – REVISED JULY 2007
Figure 2. Output Load Test Circuit 1
Figure 3. Output Load Test Circuit 2
Figure 4. Cycle-To-Cycle Period Jitter
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com