Electronic Components Datasheet Search
  English  ▼

X  

DS92001 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS92001
Description  DS92001 3.3V B/LVDS-BLVDS Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS92001 Datasheet(HTML) 2 Page - Texas Instruments

  DS92001 Datasheet HTML 1Page - Texas Instruments DS92001 Datasheet HTML 2Page - Texas Instruments DS92001 Datasheet HTML 3Page - Texas Instruments DS92001 Datasheet HTML 4Page - Texas Instruments DS92001 Datasheet HTML 5Page - Texas Instruments DS92001 Datasheet HTML 6Page - Texas Instruments DS92001 Datasheet HTML 7Page - Texas Instruments DS92001 Datasheet HTML 8Page - Texas Instruments DS92001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS92001
SNLS147F – JUNE 2002 – REVISED APRIL 2013
www.ti.com
Table 1. Functional Operation
BLVDS Inputs
BLVDS Outputs
[IN+]
− [IN−]
OUT+
OUT
−
VID
≥ 0.1V
H
L
VID
≤ −0.1V
L
H
−0.1V ≤ VID ≤ 0.1V
Undefined
Undefined
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
−0.3V to +4V
LVCMOS/LVTTL Input Voltage (EN)
−0.3V to (VCC + 0.3V)
B/LVDS Receiver Input Voltage (IN+, IN
−)
−0.3V to +4V
BLVDS Driver Output Voltage (OUT+, OUT
−)
−0.3V to +4V
BLVDS Output Short Circuit Current
Continuous
Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range Soldering (4 sec.)
+260°C
Maximum Package Power Dissipation at D Package
726 mW
25°C
Derate D Package
5.8 mW/°C above +25°C
NGK Package
2.44 W
Derate NGK Package
19.49 mW/°C above +25°C
ESD Ratings
(HBM, 1.5k
Ω, 100pF)
≥2.5kV
(EIAJ, 0
Ω, 200pF)
≥250V
(1)
“Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be ensured. They are not meant to imply
that the device should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
3.0
3.3
3.6
V
Receiver Differential Input Voltage (VID) with VCM=1.2V
0.1
2.4
|V|
Operating Free Air Temperature
−40
+25
+85
°C
B/LVDS Input Rise/Fall 20% to 80%
2
20
ns
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: DS92001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com