Electronic Components Datasheet Search
  English  ▼

X  

DS92001TLD Datasheet(PDF) 4 Page - Texas Instruments

Part # DS92001TLD
Description  DS92001 3.3V B/LVDS-BLVDS Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS92001TLD Datasheet(HTML) 4 Page - Texas Instruments

  DS92001TLD Datasheet HTML 1Page - Texas Instruments DS92001TLD Datasheet HTML 2Page - Texas Instruments DS92001TLD Datasheet HTML 3Page - Texas Instruments DS92001TLD Datasheet HTML 4Page - Texas Instruments DS92001TLD Datasheet HTML 5Page - Texas Instruments DS92001TLD Datasheet HTML 6Page - Texas Instruments DS92001TLD Datasheet HTML 7Page - Texas Instruments DS92001TLD Datasheet HTML 8Page - Texas Instruments DS92001TLD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DS92001
SNLS147F – JUNE 2002 – REVISED APRIL 2013
www.ti.com
AC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS OUTPUT AC SPECIFICATIONS (OUT)
tPHLD
Differential Propagation Delay High
VID = 200mV, VCM = 1.2V,
1.0
1.4
2.0
ns
to Low(2)
RL = 27Ω or 50Ω, CL = 15pF
See Figure 5 and Figure 6
tPLHD
Differential Propagation Delay Low
1.0
1.4
2.0
ns
to High(2)
tSKD1
Pulse Skew |tPLHD − tPHLD|
0
20
200
ps
(measure of duty cycle)(3)(4)
tSKD3
Part-to-Part Skew(3)(5)
0
200
300
ps
tSKD4
Part-to-Part Skew(3)(6)
0
1
ns
tLHT
Rise Time(3)(2)
RL = 50Ω or 27Ω, CL = 15pF
0.350
0.6
1.0
ns
20% to 80% points
See Figure 5 and Figure 7
tHLT
Fall Time(3)(2)
0.350
0.6
1.0
ns
80% to 20% points
tPHZ
Disable Time (Active High to Z)
RL = 50Ω, CL = 15pF See Figure 8 and Figure 9
3
25
ns
tPLZ
Disable Time (Active Low to Z)
3
25
ns
tPZH
Enable Time (Z to Active High)
100
120
ns
tPZL
Enable Time (Z to Active Low)
100
120
ns
tDJ
LVDS Data Jitter, Deterministic
VID = 300mV; PRBS = 2
23 − 1 data; V
CM = 1.2V at
78
ps
(Peak-to-Peak)(7)
400Mbps (NRZ)
tRJ
LVDS Clock Jitter, Random(7)
VID = 300mV; VCM = 1.2V at 200MHz clock
36
ps
fMAX
Maximum specified frequency(8)
VID = 200mV, VCM = 1.2V
200
300
MHz
(1)
All typical are given for VCC = +3.3V and TA = +25°C, unless otherwise stated.
(2)
Propagation delay, rise and fall times are specified by design and characterization to 200MHz. Generator for these tests: 50MHz
≤ f ≤
200MHz, Zo = 50
Ω, tr, tf ≤ 0.5ns. Generator used was HP8130A (300MHz capability).
(3)
The parameters are specified by design. The limits are based on statistical analysis of the device performance over the PVT (process,
voltage and temperature) range.
(4)
tSKD1, |tPLHD − tPHLD|, is the magnitude difference in differential propagation delay time between the positive going edge and the negative
going edge of the same channel (a measure of duty cycle).
(5)
tSKD3, Part to Part Skew, is defined as the difference between the minimum and maximum specified differential propagation delays. This
specification applies to devices at the same VCC and within 5°C of each other within the operating temperature range. This parameter
specified by design and characterization.
(6)
tSKD4, Part to Part Skew, is the differential channel-to- channel skew of any event between devices. This specification applies to devices
over recommended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as |Max − Min|
differential propagation delay.
(7)
The parameters are specified by design. The limits are based on statistical analysis of the device performance over the PVT range with
the following test equipment setup: Agilent 86130A used as stimulus, 5 feet of RG142B cable with DUT test board and Agilent 86100A
(digital scope mainframe) with Agilent 86122A (20GHz scope module). Data input jitter pk to pk = 22 picoseconds; Clock input jitter = 24
picoseconds; tDJ measured 100 picoseconds, tRJ measured 60 picoseconds.
(8)
fMAX test: Generator (HP8133A or equivalent), Input duty cycle = 50%. Output criteria: VOD ≥ 200mV, Duty Cycle better than 45/55%.
This specification is specified by design and characterization. A minimum is specified, which means that the device will operate to
specified conditions from DC to the minimum specified AC frequency. The typical value is always greater than the minimum
specification.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: DS92001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com