Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 2 Page - Texas Instruments

Part # LM75B
Description  LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM75B Datasheet(HTML) 2 Page - Texas Instruments

  LM75B_13 Datasheet HTML 1Page - Texas Instruments LM75B_13 Datasheet HTML 2Page - Texas Instruments LM75B_13 Datasheet HTML 3Page - Texas Instruments LM75B_13 Datasheet HTML 4Page - Texas Instruments LM75B_13 Datasheet HTML 5Page - Texas Instruments LM75B_13 Datasheet HTML 6Page - Texas Instruments LM75B_13 Datasheet HTML 7Page - Texas Instruments LM75B_13 Datasheet HTML 8Page - Texas Instruments LM75B_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
7
6
5
A0
A1
A2
Temperature
Threshold
Silicon Bandgap
Temperature
Sensor
Ð
1-Bit
D/A
10-Bit
Digital
Decimation
Filter
9-Bit Sigma-Delta ADC
Configuration
Register
TOS Set Point
Register
Pointer
Register
THYST Set
Point Register
Set Point
Comparator
3
O.S.
Reset
1
2
SDA
SCL
Two-Wire Interface
4
8
+VS
GND
LM75B, LM75C
SNIS153B – JULY 2009 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Figure 1.
Connection Diagram
LM75B, LM75C, SOIC and VSSOP
PIN DESCRIPTIONS
Label
Pin #
Function
Typical Connection
I2C Serial Bi-Directional Data Line.
SDA
1
From Controller, tied to a pull-up resistor or current source
Open Drain.
SCL
2
I2C Clock Input
From Controller, tied to a pull-up resistor or current source
Over temperature Shutdown.
O.S.
3
Pull–up Resistor, Controller Interrupt Line
Open Drain Output
GND
4
Power Supply Ground
Ground
DC Voltage from 3V to 5.5V; 100 nF bypass capacitor with 10 µF
+VS
8
Positive Supply Voltage Input
bulk capacitance in the near vicinity
A0–A2
7,6,5
User-Set I2C Address Inputs
Ground (Low, “0”) or +VS (High, “1”)
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM75B LM75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com