Electronic Components Datasheet Search
  English  ▼

X  

LM135 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM135
Description  LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM135 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM135 Datasheet HTML 2Page - Texas Instruments LM135 Datasheet HTML 3Page - Texas Instruments LM135 Datasheet HTML 4Page - Texas Instruments LM135 Datasheet HTML 5Page - Texas Instruments LM135 Datasheet HTML 6Page - Texas Instruments LM135 Datasheet HTML 7Page - Texas Instruments LM135 Datasheet HTML 8Page - Texas Instruments LM135 Datasheet HTML 9Page - Texas Instruments LM135 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
SNIS160D – MAY 1999 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
CALIBRATING THE LM135
Included on the LM135 chip is an easy method of calibrating the device for higher accuracies. A pot connected
across the LM135 with the arm tied to the adjustment terminal allows a 1-point calibration of the sensor that
corrects for inaccuracy over the full temperature range.
This single point calibration works because the output of the LM135 is proportional to absolute temperature with
the extrapolated output of sensor going to 0V output at 0°K (
−273.15°C). Errors in output voltage versus
temperature are only slope (or scale factor) errors so a slope calibration at one temperature corrects at all
temperatures.
The output of the device (calibrated or uncalibrated) can be expressed as:
(1)
where T is the unknown temperature and To is a reference temperature, both expressed in degrees Kelvin. By
calibrating the output to read correctly at one temperature the output at all temperatures is correct. Nominally the
output is calibrated at 10 mV/°K.
To insure good sensing accuracy several precautions must be taken. Like any temperature sensing device, self
heating can reduce accuracy. The LM135 should be operated at the lowest current suitable for the application.
Sufficient current, of course, must be available to drive both the sensor and the calibration pot at the maximum
operating temperature as well as any external loads.
If the sensor is used in an ambient where the thermal resistance is constant, self heating errors can be calibrated
out. This is possible if the device is run with a temperature stable current. Heating will then be proportional to
zener voltage and therefore temperature. This makes the self heating error proportional to absolute temperature
the same as scale factor errors.
WATERPROOFING SENSORS
Meltable inner core heat shrinkable tubing such as manufactured by Raychem can be used to make low-cost
waterproof sensors. The LM335 is inserted into the tubing about ½
″ from the end and the tubing heated above
the melting point of the core. The unfilled ½
″ end melts and provides a seal over the device.
Typical Applications
Figure 15. Basic Temperature Sensor
Figure 17. Wide Operating Supply
Figure 16. Calibrated Sensor
*Calibrate for 2.982V at 25°C
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com