Electronic Components Datasheet Search
  English  ▼

X  

LM135H Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM135H
Description  LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM135H Datasheet(HTML) 2 Page - Texas Instruments

  LM135H Datasheet HTML 1Page - Texas Instruments LM135H Datasheet HTML 2Page - Texas Instruments LM135H Datasheet HTML 3Page - Texas Instruments LM135H Datasheet HTML 4Page - Texas Instruments LM135H Datasheet HTML 5Page - Texas Instruments LM135H Datasheet HTML 6Page - Texas Instruments LM135H Datasheet HTML 7Page - Texas Instruments LM135H Datasheet HTML 8Page - Texas Instruments LM135H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
SNIS160D – MAY 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Reverse Current
15 mA
Forward Current
10 mA
Storage Temperature
8-Pin SOIC Package
−65°C to 150°C
TO-92 Package
−60°C to 150°C
TO Package
−60°C to 180°C
Specified Operating Temp. Range
Continuous
Intermittent(3)
LM135, LM135A
−55°C to 150°C
150°C to 200°C
LM235, LM235A
−40°C to 125°C
125°C to 150°C
LM335, LM335A
−40°C to 100°C
100°C to 125°C
Lead Temp. (Soldering, 10 seconds)
8-Pin SOIC Package:
300°C
Vapor Phase (60 seconds):
215°C
Infrared (15 seconds):
220°C
TO-92 Package:
260°C
TO Package:
300°C
(1)
Refer to RETS135H for military specifications.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Continuous operation at these temperatures for 10,000 hours for NDV package and 5,000 hours for LP package may decrease life
expectancy of the device.
Temperature Accuracy
(1)
LM135/LM235, LM135A/LM235A
Parameter
Conditions
LM135A/LM235A
LM135/LM235
Units
Min
Typ
Max
Min
Typ
Max
Operating Output Voltage
TC = 25°C, IR = 1 mA
2.97
2.98
2.99
2.95
2.98
3.01
V
Uncalibrated Temperature Error
TC = 25°C, IR = 1 mA
0.5
1
1
3
°C
Uncalibrated Temperature Error
TMIN ≤ TC ≤ TMAX, IR = 1 mA
1.3
2.7
2
5
°C
Temperature Error with 25°C
TMIN ≤ TC ≤ TMAX, IR = 1 mA
0.3
1
0.5
1.5
°C
Calibration
Calibrated Error at Extended
TC = TMAX (Intermittent)
2
2
°C
Temperatures
Non-Linearity
IR = 1 mA
0.3
0.5
0.3
1
°C
(1)
Accuracy measurements are made in a well-stirred oil bath. For other conditions, self heating must be considered.
Temperature Accuracy
(1)
LM335, LM335A
Parameter
Conditions
LM335A
LM335
Units
Min
Typ
Max
Min
Typ
Max
Operating Output Voltage
TC = 25°C, IR = 1 mA
2.95
2.98
3.01
2.92
2.98
3.04
V
Uncalibrated Temperature Error
TC = 25°C, IR = 1 mA
1
3
2
6
°C
Uncalibrated Temperature Error
TMIN ≤ TC ≤ TMAX, IR = 1 mA
2
5
4
9
°C
Temperature Error with 25°C
TMIN ≤ TC ≤ TMAX, IR = 1 mA
0.5
1
1
2
°C
Calibration
Calibrated Error at Extended
TC = TMAX (Intermittent)
2
2
°C
Temperatures
Non-Linearity
IR = 1 mA
0.3
1.5
0.3
1.5
°C
(1)
Accuracy measurements are made in a well-stirred oil bath. For other conditions, self heating must be considered.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com