Electronic Components Datasheet Search
  English  ▼

X  

LM335AMWC Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM335AMWC
Description  LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM335AMWC Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM335AMWC Datasheet HTML 3Page - Texas Instruments LM335AMWC Datasheet HTML 4Page - Texas Instruments LM335AMWC Datasheet HTML 5Page - Texas Instruments LM335AMWC Datasheet HTML 6Page - Texas Instruments LM335AMWC Datasheet HTML 7Page - Texas Instruments LM335AMWC Datasheet HTML 8Page - Texas Instruments LM335AMWC Datasheet HTML 9Page - Texas Instruments LM335AMWC Datasheet HTML 10Page - Texas Instruments LM335AMWC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160D – MAY 1999 – REVISED MARCH 2013
Figure 18. Minimum Temperature Sensing
Figure 20. Remote Temperature Sensing
Wire length for 1°C error due to wire drop
Figure 19. Average Temperature Sensing
IR = 1 mA
IR = 0.5 mA
(1)
AWG
FEET
FEET
14
4000
8000
16
2500
5000
18
1600
3200
20
1000
2000
22
625
1250
24
400
800
(1)
For IR = 0.5 mA, the trim pot must be deleted.
Figure 21. Isolated Temperature Sensor
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com