Electronic Components Datasheet Search
  English  ▼

X  

LM321MF Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM321MF
Description  LM321 Low Power Single Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM321MF Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM321MF Datasheet HTML 3Page - Texas Instruments LM321MF Datasheet HTML 4Page - Texas Instruments LM321MF Datasheet HTML 5Page - Texas Instruments LM321MF Datasheet HTML 6Page - Texas Instruments LM321MF Datasheet HTML 7Page - Texas Instruments LM321MF Datasheet HTML 8Page - Texas Instruments LM321MF Datasheet HTML 9Page - Texas Instruments LM321MF Datasheet HTML 10Page - Texas Instruments LM321MF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LM321
www.ti.com
SNOS935B – FEBRUARY 2001 – REVISED MARCH 2013
TYPICAL APPLICATIONS
Non-Inverting DC Gain (0V Input = 0V Output)
DC Summing Amplifier (V)
Amplitude Modulator Circuit
(IN's ≥ 0 VDC and VO ≥ VDC)
Where: V0 = V1 + V2 - V3 - V4, (V1+V2) ≥ (V3 + V4) to keep VO > 0
VDC
Power Amplifier
LED Driver
V0 = 0 VDC for VIN = 0 VDC, AV = 10
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com