Electronic Components Datasheet Search
  English  ▼

X  

LM321MFX Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM321MFX
Description  LM321 Low Power Single Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM321MFX Datasheet(HTML) 5 Page - Texas Instruments

  LM321MFX Datasheet HTML 1Page - Texas Instruments LM321MFX Datasheet HTML 2Page - Texas Instruments LM321MFX Datasheet HTML 3Page - Texas Instruments LM321MFX Datasheet HTML 4Page - Texas Instruments LM321MFX Datasheet HTML 5Page - Texas Instruments LM321MFX Datasheet HTML 6Page - Texas Instruments LM321MFX Datasheet HTML 7Page - Texas Instruments LM321MFX Datasheet HTML 8Page - Texas Instruments LM321MFX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM321
www.ti.com
SNOS935B – FEBRUARY 2001 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Small Signal Pulse Response
Large Signal Pulse Response
Supply Current
Sinking Current
vs.
vs.
Supply Voltage
Output Voltage
Source Current
vs.
Output Voltage
Open Loop Frequency Response
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com