Electronic Components Datasheet Search
  English  ▼

X  

LM2674 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2674
Description  LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2674 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2674 Datasheet HTML 17Page - Texas Instruments LM2674 Datasheet HTML 18Page - Texas Instruments LM2674 Datasheet HTML 19Page - Texas Instruments LM2674 Datasheet HTML 20Page - Texas Instruments LM2674 Datasheet HTML 21Page - Texas Instruments LM2674 Datasheet HTML 22Page - Texas Instruments LM2674 Datasheet HTML 23Page - Texas Instruments LM2674 Datasheet HTML 24Page - Texas Instruments LM2674 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LM2674
www.ti.com
SNVS007F – SEPTEMBER 1998 – REVISED APRIL 2013
APPLICATION INFORMATION
TYPICAL SURFACE MOUNT PC BOARD LAYOUT, FIXED OUTPUT (4X SIZE)
CIN - 15 μF, 25V, Solid Tantalum Sprague, “594D series”
COUT - 68 μF, 10V, Solid Tantalum Sprague, “594D series”
D1 - 1A, 40V Schottky Rectifier, Surface Mount
L1 - 47
μH, L13, Coilcraft DO3308
CB - 0.01 μF, 50V, Ceramic
TYPICAL SURFACE MOUNT PC BOARD LAYOUT, ADJUSTABLE OUTPUT (4X SIZE)
CIN - 15 μF, 50V, Solid Tantalum Sprague, “594D series”
COUT - 33 μF, 25V, Solid Tantalum Sprague, “594D series”
D1 - 1A, 40V Schottky Rectifier, Surface Mount
L1 - 100
μH, L20, Coilcraft DO3316
CB - 0.01 μF, 50V, Ceramic
R1 - 1k, 1%
R2 - Use formula in Design Procedure
Figure 29. PC Board Layout
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com