Electronic Components Datasheet Search
  English  ▼

X  

LM3674 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3674
Description  LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3674 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3674 Datasheet HTML 17Page - Texas Instruments LM3674 Datasheet HTML 18Page - Texas Instruments LM3674 Datasheet HTML 19Page - Texas Instruments LM3674 Datasheet HTML 20Page - Texas Instruments LM3674 Datasheet HTML 21Page - Texas Instruments LM3674 Datasheet HTML 22Page - Texas Instruments LM3674 Datasheet HTML 23Page - Texas Instruments LM3674 Datasheet HTML 24Page - Texas Instruments LM3674 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM3674MFX-1.875
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3674MFX-1.875/NOPB SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3674MFX-2.8
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3674MFX-2.8/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3674MFX-ADJ
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM3674MFX-ADJ/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM3674MF-1.2
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM3674MF-1.2/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM3674MF-1.5
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM3674MF-1.5/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM3674MF-1.8
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM3674MF-1.8/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM3674MF-1.875
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM3674MF-1.875/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM3674MF-2.8
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM3674MF-2.8/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM3674MF-ADJ
SOT-23
DBV
5
1000
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
8-May-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com