Electronic Components Datasheet Search
  English  ▼

X  

LM4132 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4132
Description  LM4132 SOT-23 Precision Low Dropout Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4132 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4132 Datasheet HTML 9Page - Texas Instruments LM4132 Datasheet HTML 10Page - Texas Instruments LM4132 Datasheet HTML 11Page - Texas Instruments LM4132 Datasheet HTML 12Page - Texas Instruments LM4132 Datasheet HTML 13Page - Texas Instruments LM4132 Datasheet HTML 14Page - Texas Instruments LM4132 Datasheet HTML 15Page - Texas Instruments LM4132 Datasheet HTML 16Page - Texas Instruments LM4132 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
10
100
1k
10k
FREQUENCY (Hz)
0
30
5
10
15
20
25
NO COUT
-90
0
10
100
1k
10k
100k
FREQUENCY (Hz)
1M
-80
-70
-60
-50
-40
-30
-20
-10
NO COUT
COUT = 0.1 PF
3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
INPUT VOLTAGE (V)
3.2996
3.2998
3.3000
3.3002
3.3004
3.3006
3.3008
3.3010
125
oC
25
oC
-40
oC
0
2
4
6
8
10 12 14 16 18 20
LOAD CURRENT (mA)
3.2975
3.2980
3.2985
3.2990
3.2995
3.3000
3.3005
125
oC
25
oC
-40
oC
TEMPERATURE (
oC)
-40
-20
0
20
40
60
80
100 120
3.295
3.296
3.297
3.298
3.299
3.3
3.301
3.302
3.303
3.304
3.305
5 TYPICAL UNITS
LM4132
www.ti.com
SNVS372C – AUGUST 2005 – REVISED APRIL 2013
Typical Performance Characteristics for 3.3V
Output Voltage
vs
Temperature
Load Regulation
Figure 25.
Figure 26.
Line Regulation
0.1-10 Hz Noise
Figure 27.
Figure 28.
Power Supply Rejection
vs
Output Voltage Noise Spectrum
Frequency
Figure 29.
Figure 30.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com