Electronic Components Datasheet Search
  English  ▼

X  

LM4880M Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4880M
Description  Dual 250 mW Audio Power Amplifier with Shutdown Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4880M Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4880M Datasheet HTML 9Page - Texas Instruments LM4880M Datasheet HTML 10Page - Texas Instruments LM4880M Datasheet HTML 11Page - Texas Instruments LM4880M Datasheet HTML 12Page - Texas Instruments LM4880M Datasheet HTML 13Page - Texas Instruments LM4880M Datasheet HTML 14Page - Texas Instruments LM4880M Datasheet HTML 15Page - Texas Instruments LM4880M Datasheet HTML 16Page - Texas Instruments LM4880M Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LM4880
www.ti.com
SNAS103C – NOVEMBER 1995 – REVISED MAY 2013
Co ≥ 1/(2π*8Ω*20Hz) = 995 μF; use 1000 μF
The high frequency pole is determined by the product of the desired high frequency pole, fH, and the closed-loop
gain, AV. With a closed-loop gain magnitude of 1.35 and fH = 100 kHz, the resulting GBWP = 135 kHz which is
much smaller than the LM4880 GBWP of 12.5 MHz. This figure displays that if a designer has a need top design
an amplifier with a higher gain, the LM4880 can still be used without running into bandwidth limitations.
LM4880 MDA MWA
DUAL 250 MW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
Figure 35. Die Layout (B - Step)
Table 1. Die/Wafer Characteristics
Fabrication Attributes
General Die Information
Physical Die Identification
LM4880B
Bond Pad Opening Size (min)
86µm x 86µm
Die Step
B
Bond Pad Metalization
ALUMINUM
Physical Attributes
Passivation
NITRIDE
Wafer Diameter
150mm
Back Side Metal
Bare Back
Dise Size (Drawn)
952µm x 1283µm
Back Side Connection
GND
37mils x 51mils
Thickness
254µm Nominal
Min Pitch
117µm Nominal
Special Assembly Requirements:
Note: Actual die size is rounded to the nearest micron.
Die Bond Pad Coordinate Locations (B - Step)
(Referenced to die center, coordinates in µm) NC = No Connection
X/Y COORDINATES
PAD SIZE
SIGNAL NAME
PAD# NUMBER
X
Y
X
Y
BYPASS
1
-322
523
86
x
86
GND
2
-359
259
86
x
188
NC
3
-359
5
86
x
86
GND
4
-359
-259
86
x
188
SHUTDOWN
5
-323
-523
86
x
86
INPUT B
6
-109
-523
86
x
86
OUTPUT B
7
8
-523
86
x
86
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4880



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com