Electronic Components Datasheet Search
  English  ▼

X  

LM5007 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5007
Description  High Voltage (80V) Step Down Switching Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5007 Datasheet(HTML) 2 Page - Texas Instruments

  LM5007 Datasheet HTML 1Page - Texas Instruments LM5007 Datasheet HTML 2Page - Texas Instruments LM5007 Datasheet HTML 3Page - Texas Instruments LM5007 Datasheet HTML 4Page - Texas Instruments LM5007 Datasheet HTML 5Page - Texas Instruments LM5007 Datasheet HTML 6Page - Texas Instruments LM5007 Datasheet HTML 7Page - Texas Instruments LM5007 Datasheet HTML 8Page - Texas Instruments LM5007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FB
VIN
VCC
SW
RTN
ON TIMER
DRIVER
VIN
BST
LEVEL
SHIFT
SD /
RON
2.5V
THERMAL
SHUTDOWN
0.725A
BUCK
SWITCH
CURRENT
SENSE
COMPLETE
RCL
START
RCL
COMPLETE
START
Ron
100 P
L1
C2
15 P
R3
3.01k
R4
1k
R2
100k
R1
200k
C4
0.01P
C3
0.1 P
12 -75V
10V
LM5007
UVLO
FB
R6
1
UVLO
REGULATION
COMPARATOR
OVER-VOLTAGE
COMPARATOR
2.875V
SD
SD
COMPLETE
START
300nS MIN OFF
TIMER
C1
1 P
8
6
5
3
4
1
2
7
7V SERIES
REGULATOR
CURRENT LIMIT
OFF TIMER
SHUTDOWN
C5
0.1 P,
100V
D1
Q
CLR
Q
SET
S
R
+
-
+
-
+
-
LM5007
SNVS252F – SEPTEMBER 2003 – REVISED MARCH 2013
www.ti.com
Typical Application Circuit and Block Diagram
Pin Functions
Table 1. Pin Descriptions
Pin
Name
Description
Application Information
1
SW
Switching Node
Power switching node. Connect to the LC output filter.
2
BST
Boost Boot–strap capacitor input
An external capacitor is required between the BST and the SW
pins. A 0.01uF ceramic capacitor is recommended. An internal
diode between Vcc and BST completes the Buck gate drive bias
network.
3
RCL
Current Limit OFF time programming pin
A resistor between this pin and RTN determines the variation of
Toff = 10-5 / (0.59 + (FB / 7.22 x 10− 6 x RCL))
off time, along with the FB pin voltage, per cycle while in current
limit. The off time is preset to 17uS if FB =0V and decreases as
the FB pin voltage increases.
4
RTN
Circuit Ground
5
FB
Feedback Signal from Regulated Output
This pin is connected to the inverting input of the internal
regulation comparator. The regulation threshold is 2.5V.
6
RON
On time set pin
A resistor between this pin and Vin sets the switch on time as a
Ton = 1.42 x 10-10 RON / Vin
function of Vin. The minimum recommended on time is 300ns at
the maximum input voltage.
7
Vcc
Output from the internal high voltage bias
If an auxiliary voltage is available to raise the voltage on this pin,
regulator. VCC is nominally regulated to 7 V.
above the regulation set point (7V), the internal series pass
regulator will shutdown, reducing the IC power dissipation. Do
not exceed 14V. This output provides gate drive power for the
internal Buck switch. An internal diode is provided between this
pin and the BST pin. A local 0.1uF decoupling capacitor is
recommended. Series pass regulator is current limited to 10mA.
8
Vin
Input supply voltage
Recommended operating range: 9V to 75V.
-
EP
Exposed PAD, underside of the WSON
Internally bonded to the die substrate. Connect to GND potential
package option
for low thermal impedance.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM5007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com