Electronic Components Datasheet Search
  English  ▼

X  

OPA656U Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656U
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656U Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA656U Datasheet HTML 2Page - Texas Instruments OPA656U Datasheet HTML 3Page - Texas Instruments OPA656U Datasheet HTML 4Page - Texas Instruments OPA656U Datasheet HTML 5Page - Texas Instruments OPA656U Datasheet HTML 6Page - Texas Instruments OPA656U Datasheet HTML 7Page - Texas Instruments OPA656U Datasheet HTML 8Page - Texas Instruments OPA656U Datasheet HTML 9Page - Texas Instruments OPA656U Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
OPA656
6
SBOS196G
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +2, RF = 250Ω, RL = 100Ω, unless otherwise noted.
HARMONIC DISTORTION vs LOAD RESISTANCE
100
1k
Resistance (
Ω)
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
V
O = 2Vp-p
f = 5MHz
See Figure 1
2nd Harmonic
3rd Harmonic
HARMONIC DISTORTION vs FREQUENCY
0.1
1
20
10
Frequency (MHz)
–50
–60
–70
–80
–90
–100
–110
3rd Harmonic
2nd Harmonic
V
O = 2Vp-p
R
L = 200Ω
See Figure 1
HARMONIC DISTORTION vs NONINVERTING GAIN
110
Gain (V/V)
–60
–70
–80
–90
–100
–110
V
O = 2Vp-p
f = 5MHz
R
L = 200Ω
See Figure 1, R
G Adjusted
2nd Harmonic
3rd Harmonic
HARMONIC DISTORTION vs INVERTING GAIN
–1
–10
Gain (V/V)
–60
–65
–70
–75
–80
–85
–90
V
O = 2Vp-p
R
F = 604Ω
F = 5MHz
R
L = 200Ω
See Figure 2, R
G and RM Adjusted
2nd Harmonic
3rd Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE (5MHz)
0.5
1
5
Output Voltage Swing (Vp-p)
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
f = 5MHz
R
L = 200Ω
2nd Harmonic
3rd Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE (1MHz)
0.5
1
5
Output Voltage Swing (Vp-p)
–70
–75
–80
–85
–90
–95
–100
–105
–110
f = 1MHz
R
L = 200Ω
See Figure 1
2nd Harmonic
3rd Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com