Electronic Components Datasheet Search
  English  ▼

X  

PCM1716 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1716
Description  24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1716 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1716 Datasheet HTML 9Page - Texas Instruments PCM1716 Datasheet HTML 10Page - Texas Instruments PCM1716 Datasheet HTML 11Page - Texas Instruments PCM1716 Datasheet HTML 12Page - Texas Instruments PCM1716 Datasheet HTML 13Page - Texas Instruments PCM1716 Datasheet HTML 14Page - Texas Instruments PCM1716 Datasheet HTML 15Page - Texas Instruments PCM1716 Datasheet HTML 16Page - Texas Instruments PCM1716 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
®
13
PCM1716
APPLICATION
CONSIDERATIONS
DELAY TIME
There is a finite delay time in delta-sigma converters. In A/D
converters, this is commonly referred to as latency. For a
delta-sigma D/A converter, delay time is determined by the
order number of the FIR filter stage, and the chosen sampling
rate. The following equation expresses the delay time of
PCM1716:
TD = 30 x 1/fS
For fS = 44.1kHz, TD = 30/44.1kHz = 680µs
Applications using data from a disc or tape source, such as
CD audio, DVD audio, Video CD, DAT, Minidisc, etc.,
generally are not affected by delay time. For some profes-
sional applications such as broadcast audio for studios, it is
important for total delay time to be less than 2ms.
OUTPUT FILTERING
For testing purposes all dynamic tests are done on the
PCM1716 using a 20kHz low pass filter. This filter limits
the measured bandwidth for THD+N, etc. to 20kHz. Failure
to use such a filter will result in higher THD+N and lower
SNR and Dynamic Range readings than are found in the
specifications. The low pass filter removes out of band
noise. Although it is not audible, it may affect dynamic
specification numbers.
The performance of the internal low pass filter from DC to
40kHz is shown in Figure 12. The higher frequency roll-off
of the filter is shown in Figure 13. If the user’s application
has the PCM1716 driving a wideband amplifier, it is recom-
mended to use an external low pass filter.
BYPASSING POWER SUPPLIES
The power supplies should be bypassed as close as possible
to the unit. Refer to Figure 15 for optimal values of bypass
capacitors.
POWER SUPPLY
CONNECTIONS
PCM1716 has three power supply connections: digital (VDD),
and analog (VCC). Each connection also has a separate
ground. If the power supplies turn on at different times, there
is a possibility of a latch-up condition. To avoid this condi-
tion, it is recommended to have a common connection
between the digital and analog power supplies. If separate
supplies are used without a common connection, the delta
between the two supplies during ramp-up time must be less
than 0.1V.
An application circuit to avoid a latch-up condition is shown
in Figure 14.
FIGURE 12. Low Pass Filter Response.
1
10
100
1k
10k
100k
1
0.5
0
–0.5
–1
Log Frequency (Hz)
FIGURE 13. Low Pass Filter Response.
1
10
100
1k
10k
100k
1M
10M
20
0
–20
–40
–60
–80
–100
Log Frequency (Hz)
FIGURE 14. Latch-Up Prevention Circuit.
DGND
AGND
V
DD
V
CC
Digital
Power Supply
Analog
Power Supply
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com