Electronic Components Datasheet Search
  English  ▼

X  

T090312 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # T090312
Description  Professional quality Hacksaws and Junior Hacksaws
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T090312 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  T090312 Datasheet HTML 1Page - List of Unclassifed Manufacturers T090312 Datasheet HTML 2Page - List of Unclassifed Manufacturers T090312 Datasheet HTML 3Page - List of Unclassifed Manufacturers T090312 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright Carl Kammerling International Ltd
Features
814
• Heavy duty hacksaw with comfortable rubber grips
• Quick release blade mechanism for convenience
• Blade tension adjuster
• 45 and 90 degree blade positions for versatility
• Spare blade storage in back frame for convenience
• Supplied complete with top quality cekaflex HHS bi-
metal 24 tpi blade
• Display packed
903
• Heavy duty hacksaw with Aluminium handle and
strong box section steel beam for professional
performance
• Integral blade tension lever
• Blade adjustable through 360 degrees at 45 degree
intervals
• Supplied complete with top quality cekaflex HHS bi-
metal 24 tpi blade
• Sold loose
905
• Heavy duty hacksaw with Aluminium handle and
strong box section steel beam for professional
performance
• Easy blade fitting and tensioning for convenience
• 45 and 90 degree blade positions for versatility
• Spare blade storage in back frame for convenience
• Supplied complete with top quality cekaflex HHS bi-
metal 24 tpi blade
• Display packed
834
• High quality tensioned steel frame
• Epoxy coated for protection
• Non protruding blade fixing – avoids injury in use
• 1 x 150mm 32 tpi high quality blade fitted and 1
spare supplied
• Display packed
837
• Aluminium frame – strong and lightweight
• Fast easy blade fitting with screw tensioning for
convenience
• Blade adjustable to 6 angles for maximum flexibility
• Lightweight mitre box – with three cutting angles
and extended lip for stable positioning
• 24 TPI Blade
• Display packed
tem
Number
Item Description
EAN No
Commodity
code
Shelf box
Qty



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com