Electronic Components Datasheet Search
  English  ▼

X  

TL852CN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL852CN
Description  SONAR RANGING RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL852CN Datasheet(HTML) 4 Page - Texas Instruments

  TL852CN Datasheet HTML 1Page - Texas Instruments TL852CN Datasheet HTML 2Page - Texas Instruments TL852CN Datasheet HTML 3Page - Texas Instruments TL852CN Datasheet HTML 4Page - Texas Instruments TL852CN Datasheet HTML 5Page - Texas Instruments TL852CN Datasheet HTML 6Page - Texas Instruments TL852CN Datasheet HTML 7Page - Texas Instruments TL852CN Datasheet HTML 8Page - Texas Instruments TL852CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TL852
SONAR RANGING RECEIVER
SLSS003 − SEPTEMBER 1983 − REVISED MARCH 1988
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
detect level versus gain step
Detect level is measured by applying a 15-cycle burst of 49.4 kHz square wave just after the beginning of the
gain step to be tested. The least burst amplitude that makes REC reach the trip level is defined to be the detect
level. System gain is then inversely proportional to detect level. See the test circuit in Figure 1.
490 k
Ω
5 k
Ω
5 k
Ω
R1
0.01
µF
0.0022
µF
21 mH
500 pF
0.01
µF
L1
1 mH
8
7
6
5
4
3
2
1
VCC
1000 pF
Trip
Level
Detect
15-Cycle
49.4-kHz
Variable-Amplitude
Burst Generator
68 k
Ω
9
10
11
12
13
14
15
16
BIAS
G2IN
G1OUT
VCC
LC
GADJ
XIN
G1IN
REC
NC
NC
GCC
GCB
GCA
GCD
GND
TL331
15 Pulses
Trip Level
Input
Signal
Rec
Output
Comparator
Output
All Resistors
±1%, 1/4 W
All Capacitors
±1%, Film
L1 Q > 60 at 50 kHz
C1 Q > 500 at 50 kHz
Figure 1. Detect-Level Measurement Circuit and Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com