Electronic Components Datasheet Search
  English  ▼

X  

TL16CP554APM Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL16CP554APM
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16CP554APM Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL16CP554APM Datasheet HTML 8Page - Texas Instruments TL16CP554APM Datasheet HTML 9Page - Texas Instruments TL16CP554APM Datasheet HTML 10Page - Texas Instruments TL16CP554APM Datasheet HTML 11Page - Texas Instruments TL16CP554APM Datasheet HTML 12Page - Texas Instruments TL16CP554APM Datasheet HTML 13Page - Texas Instruments TL16CP554APM Datasheet HTML 14Page - Texas Instruments TL16CP554APM Datasheet HTML 15Page - Texas Instruments TL16CP554APM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Clock
(XTAL1)
fclock = 16 MHz MAX
tw2
tw1
0.8 V
2 V
tw3
RESET
2 V
2 V
0.8 V
0.8 V
(a) CLOCK INPUT VOLTAGE WAVEFORM
(b) RESET VOLTAGE WAVEFORM
Figure 1. Clock Input and RESET Voltage Waveforms
82 pF
(see Note A)
680
Ω
2.54 V
Device Under Test
TL16C554
NOTE A: This includes scope and jig capacitance.
Figure 2. Output Load Circuit
9-Pin D Connector
Serial
Channel 1
Buffers
Serial
Channel 2
Buffers
Serial
Channel 3
Buffers
Serial
Channel 4
Buffers
9-Pin D Connector
9-Pin D Connector
9-Pin D Connector
Data Bus
Address Bus
Control Bus
Quadruple
ACE
TL16C554A
Figure 3. Basic Test Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com