Electronic Components Datasheet Search
  English  ▼

X  

TLC193MFKB Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC193MFKB
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC193MFKB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC193MFKB Datasheet HTML 7Page - Texas Instruments TLC193MFKB Datasheet HTML 8Page - Texas Instruments TLC193MFKB Datasheet HTML 9Page - Texas Instruments TLC193MFKB Datasheet HTML 10Page - Texas Instruments TLC193MFKB Datasheet HTML 11Page - Texas Instruments TLC193MFKB Datasheet HTML 12Page - Texas Instruments TLC193MFKB Datasheet HTML 13Page - Texas Instruments TLC193MFKB Datasheet HTML 14Page - Texas Instruments TLC193MFKB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115E − DECEMBER 1986 − REVISED JULY 2003
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS†
Figure 6
TA − Free-Air Temperature − °C
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
− 75
− 50
− 25
0
25
50
75
100
125
90
89
88
87
86
85
84
83
82
81
80
VDD = 5 V
Figure 7
TA − Free-Air Temperature − °C
SUPPLY VOLTAGE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
− 75
− 50
− 25
0
25
50
75
100
125
90
89
88
87
86
85
84
83
82
81
80
VDD = 5 V to 10 V
Figure 8
IOL − Low-Level Output Current − mA
0
2
4
6
8
1012
14
1618
20
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
4 V
10 V
VDD = 16 V
5 V
1.5
1.25
1
0.75
0.5
0.25
0
TA = 25°C
VDD = 3 V
Figure 9
− 75
− 50
− 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
600
500
400
300
200
100
0
VDD = 5 V
IOL = 6 mA
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com