Electronic Components Datasheet Search
  English  ▼

X  

TLC393CD Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC393CD
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC393CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC393CD Datasheet HTML 9Page - Texas Instruments TLC393CD Datasheet HTML 10Page - Texas Instruments TLC393CD Datasheet HTML 11Page - Texas Instruments TLC393CD Datasheet HTML 12Page - Texas Instruments TLC393CD Datasheet HTML 13Page - Texas Instruments TLC393CD Datasheet HTML 14Page - Texas Instruments TLC393CD Datasheet HTML 15Page - Texas Instruments TLC393CD Datasheet HTML 16Page - Texas Instruments TLC393CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115E − DECEMBER 1986 − REVISED JULY 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 14
LOW-TO-HIGH-LEVEL
OUTPUT RESPONSE TIME
vs
SUPPLY VOLTAGE
Overdrive = 2 mV
5 mV
10 mV
40 mV
6
5
4
3
2
1
0
0
2
4
6
8
1012
1416
VDD − Supply Voltage − V
CL = 15 pF
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
20 mV
Figure 15
HIGH-TO-LOW-LEVEL
OUTPUT RESPONSE TIME
vs
SUPPLY VOLTAGE
3
2.5
2
1.5
1
0.5
0
02
4
6
8
10
12
14
16
VDD − Supply Voltage − V
Overdrive = 2 mV
CL = 15 pF
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
5
4.5
4
3.5
5 mV
10 mV
20 mV
40 mV
Figure 16
01
2
3
4
5
LOW-TO-HIGH-LEVEL OUTPUT
PROPAGATION DELAY
FOR VARIOUS INPUT OVERDRIVES
tPLH − Low-to-High-Level Output
Propagation Delay Time −
µs
VDD = 5 V
CL = 15 pF
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
5
0
100
0
40 mV
20 mV
10 mV
5 mV
2 mV
Figure 17
40 mV
20 mV
10 mV
5 mV
2 mV
HIGH-TO-LOW-LEVEL OUTPUT
PROPAGATION DELAY
FOR VARIOUS INPUT OVERDRIVES
tPHL − High-to-Low-Level Output
Propagation Delay Time −
µs
5
0
100
0
01
2
3
4
5
VDD = 5 V
CL = 15 pF
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com