Electronic Components Datasheet Search
  English  ▼

X  

TLC393IP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC393IP
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC393IP Datasheet(HTML) 1 Page - Texas Instruments

  TLC393IP Datasheet HTML 1Page - Texas Instruments TLC393IP Datasheet HTML 2Page - Texas Instruments TLC393IP Datasheet HTML 3Page - Texas Instruments TLC393IP Datasheet HTML 4Page - Texas Instruments TLC393IP Datasheet HTML 5Page - Texas Instruments TLC393IP Datasheet HTML 6Page - Texas Instruments TLC393IP Datasheet HTML 7Page - Texas Instruments TLC393IP Datasheet HTML 8Page - Texas Instruments TLC393IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115E − DECEMBER 1986 − REVISED JULY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Very Low Power ...110 µW Typ at 5 V
D Fast Response Time ...tPLH = 2.5 µs Typ
With 5-mV Overdrive
D Single Supply Operation:
TLC393C ...3 V to 16 V
TLC393I ...3 V to 16 V
TLC393Q ...4 V to 16 V
TLC393M ...4 V to 16 V
TLC193M ...4 V to 16 V
D On-Chip ESD Protection
description
The TLC193 and TLC393 consist of dual
independent
micropower voltage comparators
designed to operate from a single supply. They
are functionally similar to the LM393 but uses
one-twentieth the power for similar response
times.
The
open-drain
MOS
output
stage
interfaces to a variety of loads and supplies. For
a
similar
device
with
a
push-pull
output
configuration (see the TLC3702 data sheet).
Texas Instruments LinCMOS
 process offers
superior analog performance to standard CMOS
processes. Along with the standard CMOS
advantages of low power without sacrificing
speed, high input impedance, and low bias
currents, the LinCMOS
 process offers ex-
tremely stable input offset voltages, even with
differential input stresses of several volts. This
characteristic makes it possible to build reliable
CMOS comparators.
The TLC393C is characterized for operation over the commercial temperature range of TA = 0°C to 70°C. The
TLC393I is characterized for operation over the extended industrial temperature range of TA = −40°C to 85°C.
The TLC393Q is characterized for operation over the full automotive temperature range of TA = −40°C to 125°C.
The TLC193M and TLC393M are characterized for operation over the full military temperature range of
TA = −55°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1986-2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN −
NC
NC
1IN −
NC
1IN +
NC
D, JG, P, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
GND
VDD
2OUT
2IN −
2IN +
NC − No internal connection
OUT
symbol (each comparator)
IN +
IN −
FK PACKAGE
(TOP VIEW)
LinCMOS is a trademark of Texas Instruments Incorporated. All other trademarks are the property of their respective owners.


Similar Part No. - TLC393IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC393IP TI-TLC393IP Datasheet
354Kb / 23P
DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
TLC393IP TI-TLC393IP Datasheet
1Mb / 33P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393IP TI2-TLC393IP Datasheet
1Mb / 35P
DUAL MICROPOWER LinCMOS™ VOLTAGE COMPARATOR
REVISED JULY 2003
TLC393IP.A TI2-TLC393IP.A Datasheet
1Mb / 35P
DUAL MICROPOWER LinCMOS™ VOLTAGE COMPARATOR
REVISED JULY 2003
TLC393IPE4 TI-TLC393IPE4 Datasheet
1Mb / 33P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results

Similar Description - TLC393IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702-EP TI1-TLC3702-EP Datasheet
964Kb / 30P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1 Datasheet
330Kb / 18P
DUAL MICROPOWER LinCMOS田?VOLTAGE COMPARATOR
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC3702-EP TI1-TLC3702-EP_14 Datasheet
964Kb / 31P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1_14 Datasheet
388Kb / 21P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC193 TI-TLC193_V01 Datasheet
1Mb / 33P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com