Electronic Components Datasheet Search
  English  ▼

X  

TLC393IPE4 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC393IPE4
Description  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC393IPE4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC393IPE4 Datasheet HTML 12Page - Texas Instruments TLC393IPE4 Datasheet HTML 13Page - Texas Instruments TLC393IPE4 Datasheet HTML 14Page - Texas Instruments TLC393IPE4 Datasheet HTML 15Page - Texas Instruments TLC393IPE4 Datasheet HTML 16Page - Texas Instruments TLC393IPE4 Datasheet HTML 17Page - Texas Instruments TLC393IPE4 Datasheet HTML 18Page - Texas Instruments TLC393IPE4 Datasheet HTML 19Page - Texas Instruments TLC393IPE4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115D − DECEMBER 1986 − REVISED JULY 2003
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
1/2 TLC393
To
µP Interrupt
Early Power Fail
+
−
+
−
1 k
Ω
3.3 k
Ω
CT
(see Note B)
1/2 TLC393
10 k
Ω
5 V
5 V
12-V
Sense
R2
R1
VUNREG
(see Note A)
1
µF
12 V
RESIN
REF
CT
GND
RESET
SENSE
VCC
To
µP
Reset
Monitors 5-VDC Rail
Monitors 12-VDC Rail
Early Power Fail Warning
TL7705A
2.5 V
5.1 k
Ω
5.1 k
Ω
12 V
NOTES: A.
V
UNREG + 2.5
(R1 +R2)
R2
B. The value of CT determines the time delay of reset.
Figure 20. Enhanced Supply Supervisor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com