Electronic Components Datasheet Search
  English  ▼

X  

TLV2322IPWLE Datasheet(PDF) 27 Page - Texas Instruments

Part # TLV2322IPWLE
Description  LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2322IPWLE Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLV2322IPWLE Datasheet HTML 23Page - Texas Instruments TLV2322IPWLE Datasheet HTML 24Page - Texas Instruments TLV2322IPWLE Datasheet HTML 25Page - Texas Instruments TLV2322IPWLE Datasheet HTML 26Page - Texas Instruments TLV2322IPWLE Datasheet HTML 27Page - Texas Instruments TLV2322IPWLE Datasheet HTML 28Page - Texas Instruments TLV2322IPWLE Datasheet HTML 29Page - Texas Instruments TLV2322IPWLE Datasheet HTML 30Page - Texas Instruments TLV2322IPWLE Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
TLV2322, TLV2322Y, TLV2324, TLV2324Y
LinCMOS
™ LOW-VOLTAGE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS187 – FEBRUARY 1997
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
by more than 300 mV. Care should be exercised when using capacitive coupling on pulse generators. Supply
transients should be shunted by the use of decoupling capacitors (0.1
µF typical) located across the supply rails
as close to the device as possible.
The current path established if latch-up occurs is usually between the positive supply rail and ground and can
be triggered by surges on the supply lines and/or voltages on either the output or inputs that exceed the supply
voltage. Once latch-up occurs, the current flow is limited only by the impedance of the power supply and the
forward resistance of the parasitic thyristor and usually results in the destruction of the device. The chance of
latch-up occurring increases with increasing temperature and supply voltages.
output characteristics
The output stage of the TLV232x is designed to
sink and source relatively high amounts of current
(see Typical Characteristics). If the output is
subjected
to
a
short-circuit
condition,
this
high-current capability can cause device damage
under certain conditions. Output current capability
increases with supply voltage.
Although the TLV232x possesses excellent
high-level output voltage and current capability,
methods are available for boosting this capability,
if needed. The simplest method involves the use
of a pullup resistor (RP) connected from the output
to the positive supply rail (see Figure 44). There
are two disadvantages to the use of this circuit.
First, the NMOS pulldown transistor N4 (see
equivalent schematic) must sink a comparatively
large amount of current. In this circuit, N4 behaves
like a linear resistor with an on resistance between
approximately 60
Ω and 180 Ω depending on how
hard the operational amplifier input is driven. With
very low values of RP, a voltage offset from 0 V at
the output occurs. Secondly, pullup resistor RP
acts as a drain load to N4 and the gain of the
operational amplifier is reduced at output voltage
levels where N5 is not supplying the output
current.
All operating characteristics of the TLV232x are
measured using a 20-pF load. The device drives
higher capacitive loads; however, as output load capacitance increases, the resulting response pole occurs at
lower frequencies, thereby causing ringing, peaking, or even oscillation (see Figure 45 and Figure 46). In many
cases, adding some compensation in the form of a series resistor in the feedback loop alleviates the problem.
–
+
VO
CL
VI
2.5 V
TA = 25°C
f = 1 kHz
VI(PP) = 1 V
– 2.5 V
–
+
R
P +
V
DD *
V
O
I
F )
I
L )
I
P
IP = Pullup Current
Required by the
Operational Amplifier
(typically 500
µA)
VO
VDD
RP
IP
IF
IL
RL
VI
R1
R2
Figure 44. Resistive Pullup to Increase VOH
Figure 45. Test Circuit for Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com