Electronic Components Datasheet Search
  English  ▼

X  

TMP175 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP175
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP175 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP175 Datasheet HTML 2Page - Texas Instruments TMP175 Datasheet HTML 3Page - Texas Instruments TMP175 Datasheet HTML 4Page - Texas Instruments TMP175 Datasheet HTML 5Page - Texas Instruments TMP175 Datasheet HTML 6Page - Texas Instruments TMP175 Datasheet HTML 7Page - Texas Instruments TMP175 Datasheet HTML 8Page - Texas Instruments TMP175 Datasheet HTML 9Page - Texas Instruments TMP175 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TMP175
TMP75
SBOS288J − JANUARY 2004 − REVISED DECEMBER 2007
www.ti.com
6
TEMPERATURE
(
°C)
DIGITAL OUTPUT
(BINARY)
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0
0000 0000 0000
000
−0.25
1111 1111 1100
FFC
−25
1110 0111 0000
E70
−55
1100 1001 0000
C90
Table 5. Temperature Data Format
The user can obtain 9, 10, 11, or 12 bits of resolution by
addressing the Configuration Register and setting the
resolution bits accordingly. For 9-, 10-, or 11-bit resolution,
the most significant bits in the Temperature Register are
used with the unused LSBs set to zero.
CONFIGURATION REGISTER
The Configuration Register is an 8-bit read/write register
used to store bits that control the operational modes of the
temperature sensor. Read/write operations are performed
MSB first. The format of the Configuration Register for the
TMP175 and TMP75 is shown in Table 6, followed by a
breakdown of the register bits. The power-up/reset value
of the Configuration Register is all bits equal to 0.
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
OS
R1
R0
F1
F0
POL
TM
SD
Table 6. Configuration Register Format
SHUTDOWN MODE (SD)
The Shutdown Mode of the TMP175 and TMP75 allows
the user to save maximum power by shutting down all
device circuitry other than the serial interface, which
reduces current consumption to typically less than 0.1
µA.
Shutdown Mode is enabled when the SD bit is 1; the device
will shut down once the current conversion is completed.
When SD is equal to 0, the device will maintain a
continuous conversion state.
THERMOSTAT MODE (TM)
The Thermostat Mode bit of the TMP175 and TMP75
indicates to the device whether to operate in Comparator
Mode (TM = 0) or Interrupt Mode (TM = 1). For more
information on comparator and interrupt modes, see the
High and Low Limit Registers section.
POLARITY (POL)
The Polarity Bit of the TMP175 and TMP75 allows the user
to adjust the polarity of the ALERT pin output. If POL = 0,
the ALERT pin will be active LOW, as shown in Figure 3.
For POL = 1, the ALERT pin will be active HIGH, and the
state of the ALERT pin is inverted.
Measured
Temperature
T
HIGH
T
LOW
TMP75/TMP175 ALERT PIN
(Comparator Mode)
POL = 0
TMP75/TMP175 ALERT PIN
(Interrupt Mode)
POL = 0
TMP75/TMP175 ALERT PIN
(Comparator Mode)
POL = 1
TMP75/TMP175 ALERT PIN
(Interrupt Mode)
POL = 1
Read
Read
Time
Read
Figure 3. Output Transfer Function Diagrams
FAULT QUEUE (F1/F0)
A fault condition is defined as when the measured
temperature exceeds the user-defined limits set in the
THIGH and TLOW Registers. Additionally, the number of
fault conditions required to generate an alert may be
programmed using the fault queue. The fault queue is
provided to prevent a false alert as a result of
environmental
noise.
The
fault
queue
requires
consecutive fault measurements in order to trigger the
alert function. Table 7 defines the number of measured
faults that may be programmed to trigger an alert condition
in the device. For THIGH and TLOW register format and byte
order, see the section High and Low Limit Registers.
F1
F0
CONSECUTIVE FAULTS
0
0
1
0
1
2
1
0
4
1
1
6
Table 7. Fault Settings of the TMP175 and TMP75
CONVERTER RESOLUTION (R1/R0)
The Converter Resolution Bits control the resolution of the
internal Analog-to-Digital (A/D) converter. This allows the
user to maximize efficiency by programming for higher



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com