Electronic Components Datasheet Search
  English  ▼

X  

PE4929 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4929
Description  75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG179, RG187
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4929 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4929 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4929 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG179, RG187
Configuration
Connector
SMC Jack
Connector Interface Type
RG179,RG187
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.71 [18.03]
Width/Dia., in [mm]
0.344 [8.74]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMC Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG179, RG187 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG179, RG187 PE4929
URL: http://www.pasternack.com/smc-jack-standard-rg179-rg187-connector-pe4929-p.aspx
PE4929
PE4929 REV 01
75 Ohm SMC Jack Connector Clamp/Solder
Attachment For RG179, RG187


Similar Part No. - PE4929

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4920 PASTERNACK-PE4920 Datasheet
220Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-020SR
PE4921 PASTERNACK-PE4921 Datasheet
216Kb / 2P
SMA Female Connector Solder Attachment For PE-034SR
PE4922 PASTERNACK-PE4922 Datasheet
218Kb / 3P
SMA Female Connector Solder Attachment For PE-020SR
PE4923 PASTERNACK-PE4923 Datasheet
220Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-034SR, .235 inch D Hole
PE4924 PASTERNACK-PE4924 Datasheet
270Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-020SR, .235 inch D Hole
More results

Similar Description - PE4929

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4615 PASTERNACK-PE4615 Datasheet
207Kb / 2P
75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187
PE4928 PASTERNACK-PE4928 Datasheet
254Kb / 2P
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG179, RG187
PE4257 PASTERNACK-PE4257 Datasheet
217Kb / 2P
75 Ohm SMB Plug Connector Clamp/Solder Attachment For RG179, RG187
PE4603 PASTERNACK-PE4603 Datasheet
286Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG179, RG187
PE4259 PASTERNACK-PE4259 Datasheet
307Kb / 2P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG179, RG187
PE4513 PASTERNACK-PE4513 Datasheet
118Kb / 1P
75 OHM N MALE CLAMP ATTACHMENT FOR RG179 &RG187
PE4249 PASTERNACK-PE4249 Datasheet
250Kb / 3P
75 Ohm SMC Plug Connector Crimp-Solder Attachment For RG179, RG187
PE4254 PASTERNACK-PE4254 Datasheet
217Kb / 2P
75 Ohm SMC Jack Connector Crimp-Solder Attachment For RG179, RG187
PE4906 PASTERNACK-PE4906 Datasheet
312Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp - Solder Attachment For RG179, RG187
PE44872 PASTERNACK-PE44872 Datasheet
253Kb / 3P
75 Ohm SMB Jack Connector Crimp-Solder Attachment For RG179, RG187
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com