Electronic Components Datasheet Search
  English  ▼

X  

PE4986 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4986
Description  3.5mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4986 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4986 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4986 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4986 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
3.5mm Female Bulkhead Connector Clamp/Solder Attachment
For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
3.5mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405,
.235 inch D Hole
Configuration
Connector
3.5mm Female
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 32.5
Impedance, Ohms
50
Maximum VSWR
1.25:1
Maximum Insertion Loss, dB
0.28
Mechanical Specifications
Size
Length, in [mm]
0.91 [23.11]
Width/Dia., in [mm]
0.438 [11]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
3.5mm Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 1
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
ASTM A380
Dielectric Type
PPO
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR-
405FL, RG405, .235 inch D Hole PE4986
PE4986
PE4986 REV


Similar Part No. - PE4986

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4980 PASTERNACK-PE4980 Datasheet
238Kb / 2P
SC Female Bulkhead Hermetically Sealed Connector Solder Attachment Eyelet Terminal, .655 inch D Hole
PE4981 PASTERNACK-PE4981 Datasheet
284Kb / 2P
TECHNICAL DATA SHEET
PE4982 PASTERNACK-PE4982 Datasheet
280Kb / 2P
3.5mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4983 PASTERNACK-PE4983 Datasheet
208Kb / 2P
3.5mm Female Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4984 PASTERNACK-PE4984 Datasheet
262Kb / 3P
3.5mm Female Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
More results

Similar Description - PE4986

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44256 PASTERNACK-PE44256 Datasheet
266Kb / 3P
1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4443 PASTERNACK-PE4443 Datasheet
124Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4865 PASTERNACK-PE4865 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4130 PASTERNACK-PE4130 Datasheet
105Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE4982 PASTERNACK-PE4982 Datasheet
280Kb / 2P
3.5mm Male Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4984 PASTERNACK-PE4984 Datasheet
262Kb / 3P
3.5mm Female Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44346 PASTERNACK-PE44346 Datasheet
228Kb / 3P
2.4mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .252 inch D Hole
PE4119 PASTERNACK-PE4119 Datasheet
292Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4149 PASTERNACK-PE4149 Datasheet
95Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
PE44801 PASTERNACK-PE44801 Datasheet
296Kb / 3P
2.4mm Female Bulkhead Precision Connector Clamp/ Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com