Electronic Components Datasheet Search
  English  ▼

X  

TPS2811D Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2811D
Description  DUAL HIGH-SPEED MOSFET DRIBERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2811D Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2811D Datasheet HTML 17Page - Texas Instruments TPS2811D Datasheet HTML 18Page - Texas Instruments TPS2811D Datasheet HTML 19Page - Texas Instruments TPS2811D Datasheet HTML 20Page - Texas Instruments TPS2811D Datasheet HTML 21Page - Texas Instruments TPS2811D Datasheet HTML 22Page - Texas Instruments TPS2811D Datasheet HTML 23Page - Texas Instruments TPS2811D Datasheet HTML 24Page - Texas Instruments TPS2811D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TPS2811, TPS2812, TPS2813, TPS2814, TPS2815
DUAL HIGHSPEED MOSFET DRIVERS
SLVS132F − NOVEMBER 1995 − REVISED OCTOBER 2004
21
www.ti.com
APPLICATION INFORMATION
t − Time
TA = 25°C
VCC = 14 V
VI = 80 V
VDS (50 V/div, 50 ns/div)
VGS (5 V/div, 50 ns/div)
Figure 37. Drain-Source Voltage vs
Gate-Source Voltage,
at Turn-on, TPS2811 Driving an IRFD120
(Hex-2 Size)
t − Time
TA = 25°C
VCC = 14 V
VI = 80 V
VDS (50 V/div, 50 ns/div)
VGS (5 V/div, 50 ns/div)
Figure 38. Drain-Source Voltage vs
Gate-Source Voltage,
at Turn-off, TPS2811 Driving an IRFD120
(Hex-2 Size)
t − Time
TA = 25°C
VCC = 14 V
VI = 80 V
VDS (50 V/div, 2 µs/div)
ID (5 A/div, 2 µs/div)
Figure 39. Drain-Source Voltage vs Drain
Current, TPS2811 Driving an IRF530
(Hex-3 Size)
t − Time
TA = 25°C
VCC = 14 V
VI = 80 V
VDS (50 V/div, 50 ns/div)
VGS (5 A/div, 50 ns/div)
Figure 40. Drain-Source Voltage vs
Gate-Source Voltage, at Turn-on, TPS2811
Driving an IRF530 (Hex-3 Size)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com