Electronic Components Datasheet Search
  English  ▼

X  

PE9192 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9192
Description  SSMA Female to SSMA Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9192 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9192 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9192 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SSMA Female to SSMA Female Adapter
Configuration
Connector 1
SSMA Female
Impedance 1
50 Ohms
Connector 2
SSMA Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.5 [12.7]
Width/Dia., in [mm]
0.19 [4.83]
.
Connector 1
Type
SSMA Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SSMA Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/ssma-female-ssma-female-straight-adapter-pe9192-p.aspx
SSMA Female to SSMA Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SSMA Female to SSMA Female Adapter
PE9192
PE9192 REV


Similar Part No. - PE9192

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
More results

Similar Description - PE9192

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9189 PASTERNACK-PE9189 Datasheet
244Kb / 2P
SSMA Female to SSMA Female Bulkhead Adapter
PE9192 PASTERNACK-PE9192 Datasheet
239Kb / 2P
SSMA Female to SSMA Female Adapter
PE9334 PASTERNACK-PE9334 Datasheet
239Kb / 2P
SSMA Male to SSMA Female Right Angle Adapter
PE9354 PASTERNACK-PE9354 Datasheet
250Kb / 2P
SSMA Female to N Female Adapter
PE9358 PASTERNACK-PE9358 Datasheet
240Kb / 3P
SSMA Male to SSMA Female Adapter
PE9399 PASTERNACK-PE9399 Datasheet
239Kb / 2P
SMA Female to SSMA Female Adapter
PE9685 PASTERNACK-PE9685 Datasheet
258Kb / 3P
QD SSMA Male to SSMA Female Adapter
PE9765 PASTERNACK-PE9765 Datasheet
253Kb / 3P
Precision 1.85mm Female to SSMA Female Adapter
PE9769 PASTERNACK-PE9769 Datasheet
253Kb / 3P
Precision 2.92mm Female to SSMA Female Adapter
PE9189 PASTERNACK-PE9189 Datasheet
244Kb / 2P
SSMA Female to SSMA Female Bulkhead Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com