Electronic Components Datasheet Search
  English  ▼

X  

PE9193 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9193
Description  Bulkhead HN Female to HN Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9193 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9193 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9193 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9193 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Bulkhead HN Female to HN Female Adapter
Configuration
Connector 1
HN Female
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
HN Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 2
Maximum VSWR
1.3:1
Dielectric Withstanding Voltage, Vrms
1,900
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +155
Size
Length, in [mm]
1.96 [49.78]
Width/Dia., in [mm]
1 [25.4]
.
Connector 1
Type
HN Female
Inner Conductor Material and Plating
Brass, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
HN Female
Inner Conductor Material and Plating
Brass, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Bulkhead HN Female to HN Female Adapter PE9193
PE9193
PE9193 REV
Bulkhead HN Female to HN Female Adapter


Similar Part No. - PE9193

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9193 PASTERNACK-PE9193 Datasheet
106Kb / 3P
HN FEMALE TO HN FEMALE BULKHEAD FEEDTHRU
More results

Similar Description - PE9193

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9125 PASTERNACK-PE9125 Datasheet
253Kb / 3P
N Male to HN Female Adapter
PE9126 PASTERNACK-PE9126 Datasheet
253Kb / 3P
HN Male to BNC Female Adapter
PE9193 PASTERNACK-PE9193 Datasheet
106Kb / 3P
HN FEMALE TO HN FEMALE BULKHEAD FEEDTHRU
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
N Female to HN Male Adapter
PE9205 PASTERNACK-PE9205 Datasheet
252Kb / 3P
HN Male to HN Female Right Angle Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
SMA Male to HN Female Adapter
PE9360 PASTERNACK-PE9360 Datasheet
241Kb / 2P
N Female to HN Female Adapter
PE9574 PASTERNACK-PE9574 Datasheet
242Kb / 2P
HN Tee Adapter Female-Female-Female
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
HN Male to HN Female Adapter
PE9580 PASTERNACK-PE9580 Datasheet
233Kb / 2P
HN Female to HN Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com