Electronic Components Datasheet Search
  English  ▼

X  

PE9244 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9244
Description  75 Ohm SMC Tee Adapter Jack-Plug-Jack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9244 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9244 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9244 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9244 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Tee Adapter Jack-Plug-Jack
Configuration
Connector 1
SMC Jack
Impedance 1
75 Ohms
Connector 2
SMC Plug
Impedance 2
75 Ohms
Connector 3
SMC Jack
Adapter Design
Standard
Body Style
Tee
Mechanical Specifications
Size
Length, in [mm]
0.922 [23.42]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.64 [16.26]
.
Connector 1
Type
SMC Jack
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMC Plug
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
3/8
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 3
Type
SMC Jack
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Tee Adapter Jack-Plug-Jack PE9244
PE9244
PE9244 REV
75 Ohm SMC Tee Adapter Jack-Plug-Jack


Similar Part No. - PE9244

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9244 PASTERNACK-PE9244 Datasheet
78Kb / 1P
75 OHM SMC TEE, JACK-PLUG-JACK
More results

Similar Description - PE9244

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
PE9228 PASTERNACK-PE9228 Datasheet
244Kb / 2P
75 Ohm SMC Jack to SMC Jack Bulkhead Adapter
PE9244 PASTERNACK-PE9244 Datasheet
78Kb / 1P
75 OHM SMC TEE, JACK-PLUG-JACK
PE9245 PASTERNACK-PE9245 Datasheet
76Kb / 3P
75 OHM SMB TEE, JACK-PLUG-JACK
PE9249 PASTERNACK-PE9249 Datasheet
235Kb / 2P
SHV Tee Adapter Jack-Plug-Jack
PE9309 PASTERNACK-PE9309 Datasheet
243Kb / 2P
SMB Tee Adapter Plug-Jack-Jack
PE9586 PASTERNACK-PE9586 Datasheet
252Kb / 2P
75 Ohm N Male to SMC Jack Adapter
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
logo
List of Unclassifed Man...
THA101 ETC2-THA101 Datasheet
138Kb / 1P
HN PLUG-JACK-JACK TEE ADAPTER
logo
Pasternack Enterprises,...
PE9242 PASTERNACK-PE9242 Datasheet
400Kb / 5P
SMC Tee Adapter Jack-Plug-Jack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com