Electronic Components Datasheet Search
  English  ▼

X  

TPS60401DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVT
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60401DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS60401DBVT Datasheet HTML 6Page - Texas Instruments TPS60401DBVT Datasheet HTML 7Page - Texas Instruments TPS60401DBVT Datasheet HTML 8Page - Texas Instruments TPS60401DBVT Datasheet HTML 9Page - Texas Instruments TPS60401DBVT Datasheet HTML 10Page - Texas Instruments TPS60401DBVT Datasheet HTML 11Page - Texas Instruments TPS60401DBVT Datasheet HTML 12Page - Texas Instruments TPS60401DBVT Datasheet HTML 13Page - Texas Instruments TPS60401DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TPS60400, TPS60401, TPS60402, TPS60403
UNREGULATED 60mA CHARGE PUMP VOLTAGE INVERTER
SLVS324A − JULY 2001 REVISED NOVEMBER 2004
10
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 12
−6
−5
−4
−3
−2
−1
0
0
10
20304050
60
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60400
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
TA = 25°C
Figure 13
−6
−5
−4
−3
−2
−1
0
0
10
2030405060
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60401
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
TA = 25°C
Figure 14
−6
−5
−4
−3
−2
−1
0
0
10
20304050
60
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60402
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
TA = 25°C
Figure 15
−6
−5
−4
−3
−2
−1
0
0
10
2030405060
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
TPS60403
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com