Electronic Components Datasheet Search
  English  ▼

X  

MPX50 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX50
Description  0 to 50 kPa (0-7.25 psi) 60 mV FULL SCALE SPAN (TYPICAL)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX50 Datasheet(HTML) 4 Page - Motorola, Inc

  MPX50 Datasheet HTML 1Page - Motorola, Inc MPX50 Datasheet HTML 2Page - Motorola, Inc MPX50 Datasheet HTML 3Page - Motorola, Inc MPX50 Datasheet HTML 4Page - Motorola, Inc MPX50 Datasheet HTML 5Page - Motorola, Inc MPX50 Datasheet HTML 6Page - Motorola, Inc MPX50 Datasheet HTML 7Page - Motorola, Inc MPX50 Datasheet HTML 8Page - Motorola, Inc MPX50 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MPX50 SERIES
4
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The Motorola MPX
pressure sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX50D
344–15
Stainless Steel Cap
MPX50DP
344C–01
Side with Part Marking
MPX50GP
344B–01
Side with Port Attached
MPX50GVP
344D–01
Stainless Steel Cap
MPX50GS
344E–01
Side with Port Attached
MPX50GVS
344A–01
Stainless Steel Cap
MPX50GSX
344F–01
Side with Port Attached
MPX50GVSX
344G–01
Stainless Steel Cap
ORDERING INFORMATION
MPX50 series pressure sensors are available in differential and gauge configurations. Devices are available with basic
element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose pressure
connections.
Di
T
Oi
CT
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
Case 344–15
MPX50D
MPX50D
Ported Elements
Differential
Case 344C–01
MPX50DP
MPX50DP
Gauge
Case 344B–01
MPX50GP
MPX50GP
Gauge Vacuum
Case 344D–01
MPX50GVP
MPX50GVP
Gauge Stovepipe
Case 344E–01
MPX50GS
MPX50D
Gauge Vacuum Stovepipe
Case 344A–01
MPX50GVS
MPX50D
Gauge Axial
Case 344F–01
MPX50GSX
MPX50D
Gauge Vacuum Axial
Case 344G–01
MPX50GVSX
MPX50D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com