Electronic Components Datasheet Search
  English  ▼

X  

ACPL-C784 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C784
Description  Miniature Isolation Amplifiers 0.3 mV Input Offset Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C784 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C784 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C784 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C784 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-C784 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-C784 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-C784 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-C784 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-C784 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACPL-C784 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Figure 18. Recommended Application Circuit.
Figure 17. Recommended Supply and Sense Resistor Connections.
ACPL-C78A
ACPL-C780
ACPL-C784
C1
0.1 µF
R2
39 Ω
GATE DRIVE
CIRCUIT
FLOATING
POWER
SUPPLY
* * *
HV+
* * *
HV-
* * *
–
+
RSENSE
MOTOR
C2
0.01 µF
D1
5.1 V
–
+
R1
0.1 µF
VDD2 (+5 V)
VDD1
VOUT
8
7
6
1
3
U2
5
2
4
R1
2.00 K
+15 V
C8
0.1 µF
0.1 µF
-15 V
–
+ TL032A
R3
10.0 K
ACPL-C78A
ACPL-C780
ACPL-C784
C4
R4
10.0 K
C6
150 pF
U3
U1
78L05
IN OUT
C1
C2
0.01
µF
R5
68
GATE DRIVE
CIRCUIT
POSITIVE
FLOATING
SUPPLY
HV+
* * *
HV-
–
+
RSENSE
MOTOR
C5
150 pF
0.1
µF
0.1
µ F
C3
C7
R2
2.00 K
* * *
* * *
GND1
GND2
GND2
GND2
GND2
Figure 19. Example Printed Circuit Board Layout.
TO GND1 TO VDD1
R5
C3
C4
TO VDD2 TO GND2
VOUT+
VOUT–
TO RSENSE+
TO RSENSE–
C2
Note: Drawing not to scale
U2
ACPL - C78A/C780/C784



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com