Electronic Components Datasheet Search
  English  ▼

X  

MPX5010 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPX5010
Description  INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5010 Datasheet(HTML) 5 Page - Motorola, Inc

  MPX5010 Datasheet HTML 1Page - Motorola, Inc MPX5010 Datasheet HTML 2Page - Motorola, Inc MPX5010 Datasheet HTML 3Page - Motorola, Inc MPX5010 Datasheet HTML 4Page - Motorola, Inc MPX5010 Datasheet HTML 5Page - Motorola, Inc MPX5010 Datasheet HTML 6Page - Motorola, Inc MPX5010 Datasheet HTML 7Page - Motorola, Inc MPX5010 Datasheet HTML 8Page - Motorola, Inc MPX5010 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MPX5010 SERIES
5
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing fluoro silicone gel
which protects the die from harsh media. The Motorola MPX
pressure sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1)
Side Identifier
MPX5010D
867–08C
Stainless Steel Cap
MPX5010DP
867C–05
Side with Part Marking
MPX5010GP
867B–04
Side with Port Attached
MPX5010GVP
867D–04
Stainless Steel Cap
MPX5010GS
867E–03
Side with Port Attached
MPX5010GVS
867A–04
Stainless Steel Cap
MPX5010GSX
867F–03
Side with Port Attached
MPX5010GVSX
867G–03
Stainless Steel Cap
ORDERING INFORMATION
The MPX5010 pressure sensor is available in differential and gauge configurations. Devices are available in the basic ele-
ment package or with pressure port fittings that provide printed circuit board mounting ease and barbed hose pressure connec-
tions.
Di
T
Oi
CT
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
867–08
MPX5010D
MPX5010D
Ported Elements
Differential Dual Ports
867C–05
MPX5010DP
MPX5010DP
Gauge
867B–04
MPX5010GP
MPX5010GP
Gauge Vacuum Port
867D–04
MPX5010GVP
MPX5010GVP
Gauge, Axial
867E–03
MPX5010GS
MPX5010D
Gauge Vacuum Axial
867A–04
MPX5010GVS
MPX5010D
Gauge, Axial PC Mount
867F–03
MPX5010GSX
MPX5010D
Gauge Vacuum Axial PC Mount
867G–03
MPX5010GVSX
MPX5010D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com