Electronic Components Datasheet Search
  English  ▼

X  

52AANS Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # 52AANS
Description  30 mm Heavy Duty, Watertight/Oiltight, Class 52
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

52AANS Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  52AANS Datasheet HTML 1Page - Siemens Semiconductor Group 52AANS Datasheet HTML 2Page - Siemens Semiconductor Group 52AANS Datasheet HTML 3Page - Siemens Semiconductor Group 52AANS Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Pushbutton Units and Indicator Lights
30 mm Heavy Duty, Watertight/Oiltight, Class 52
Siemens / Industrial Controls
Previous folio: 10/155
10/161
Product Category: PILO
Accessories and spare parts
Siemens Industry, Inc.
Industrial Controls Catalog
Selection and ordering data
Version
Suitable for
Lamp
voltage
Color
Order no.
List
Price
$
Lamps with screw connection, miniature bayonet (BA 9s style)
Incandescent lamps,
Flashing, type 267 lamp (replaces 755 lamp)
51, 52
6 V
52AABNF
6V type 755 lamp (Rated 150 mA)
51, 52
6 V
52AABN
12V type 756 (Rated 80 mA)
51, 52
12 V
52AACN
24V type 757 (Rated 80 mA)
51, 52
24 V
52AADN
48V, 2W
52
48 V
3SB1902-1AP
60V, 2W
52
60 V
3SR9424
120V, 2.5W, type #120MB (Rated 250 mA)
52
120 V
52AAENC1
Neon (uses resistors) type B2A (NE-51H)
52
120 V
52AAPN
Candelabra,120V, 3W, Full voltage type 3S6/5
52 older revision styles
120 V
52AAENC
LED bulbs
LED, BA9s type (Rated 15 mA)
Class 52
6 V AC
52AEBm
24 V AC/DC
52AEDm
120 V AC
52AEEm
LED, cluster type (Rated 0.5W)
Class 52
6 V AC
52AEBm7
24 V AC
52AEDm7
120 V AC
52AEEm7
120 V DC
52AEVm7
LED lighting module with integrated LED.
Single LED (Rated 35 mA Maximum)
Class 52
24 V AC/DC
52AAILm
120 V AC
52AAIMm
240 V AC
52AAINm
Full voltage lighting module accessory with BA9s type lamp
Single LED
Class 52
6 V AC
52AAFBmB
24 V AC/DC
52AAFDmB
120 V AC
52AAFEmB
Cluster LED
Class 52
6 V AC
52AAFBmY
24 V AC
52AAFDmY
120 V AC
52AAFEmY
Incandescent bulb
Class 52
6 V AC/DC
52AAFB
24 V AC/DC
52AAFD
120 V AC
52AAFE
Transformer lighting module accessory with BA9s type lamp
Single LED
Class 52
120 V AC
52AATGmB
240 V AC
52AATHmB
480 V AC
52AATJmB
600 V AC
52AATKmB
Cluster LED
Class 52
120 V AC
52AATGmY
240 V AC
52AATHmY
480 V AC
52AATJmY
600 V AC
52AATKmY
Incandescent bulb
Class 52
120 V AC
52AATG
240 V AC
52AATH
480 V AC
52AATJ
600 V AC
52AATK
red
2
green
3
yellow/amber
4
blue
5
white/clear
B
**Note: Cluster LED only available in red, green and yellow
Color options:
Technical Specifications
on page 10/169A
• Revised •
03/20/2012



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com