Electronic Components Datasheet Search
  English  ▼

X  

MPX5010DP Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPX5010DP
Description  INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX5010DP Datasheet(HTML) 1 Page - Motorola, Inc

  MPX5010DP Datasheet HTML 1Page - Motorola, Inc MPX5010DP Datasheet HTML 2Page - Motorola, Inc MPX5010DP Datasheet HTML 3Page - Motorola, Inc MPX5010DP Datasheet HTML 4Page - Motorola, Inc MPX5010DP Datasheet HTML 5Page - Motorola, Inc MPX5010DP Datasheet HTML 6Page - Motorola, Inc MPX5010DP Datasheet HTML 7Page - Motorola, Inc MPX5010DP Datasheet HTML 8Page - Motorola, Inc MPX5010DP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola Sensor Device Data
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The MPX5010 series piezoresistive transducer is a state–of–the–art monolithic silicon
pressure sensor designed for a wide range of applications, but particularly those
employing a microcontroller or microprocessor with A/D inputs. This patented, single
element transducer combines advanced micromachining techniques, thin–film metalliza-
tion, and bipolar processing to provide an accurate, high level analog output signal that
is proportional to the applied pressure.
Features
• 5.0% Maximum Error over 0° to 85°C
• Ideally Suited for Microprocessor or Microcontroller–Based Systems
• Patented Silicon Shear Stress Strain Gauge
• Durable Epoxy Unibody Element
• Temperature Compensated over *40° to +125°C
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
3
X–ducer
SENSING
ELEMENT
1
Vout
2
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 4, 5 AND 6 ARE NO CONNECTS
MAXIMUM RATINGS(1)
Parametrics
Symbol
Value
Unit
Overpressure(2) (P1 > P2)
Pmax
75
kPa
Burst Pressure(2) (P1 > P2)
Pburst
100
kPa
Storage Temperature
Tstg
– 40 to +125
°C
Operating Temperature
TA
– 40 to +125
°C
1. TC = 25°C unless otherwise noted.
2. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Senseon and X–ducer are trademarks of Motorola, Inc.
Order this document
by MPX5010/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
MPX5010
SERIES
INTEGRATED
PRESSURE SENSOR
0 to 10 kPa (0 to 1.45 psi)
0.2 to 4.7 V OUTPUT
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the Lead.
BASIC CHIP
CARRIER ELEMENT
CASE 867–08, STYLE 1
DIFFERENTIAL
PORT OPTION
CASE 867C–05, STYLE 1
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
REV 2


Similar Part No. - MPX5010DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5010DP MOTOROLA-MPX5010DP Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX5010DP FREESCALE-MPX5010DP Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010DP FREESCALE-MPX5010DP Datasheet
462Kb / 23P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX5010DP NXP-MPX5010DP Datasheet
561Kb / 24P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 13, 10/2012
MPX5010DP NXP-MPX5010DP Datasheet
758Kb / 32P
Integrated silicon pressure sensor on-chip signal conditioned, temperature compensated and calibrated
Rev. 14 - 17 May 2024
More results

Similar Description - MPX5010DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX4250 MOTOROLA-MPX4250 Datasheet
145Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT
MPX4250D MOTOROLA-MPX4250D Datasheet
148Kb / 8P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output
MPX5050 MOTOROLA-MPX5050 Datasheet
189Kb / 10P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
logo
Freescale Semiconductor...
MPXHZ6130A FREESCALE-MPXHZ6130A Datasheet
199Kb / 8P
INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
Intersema Sensoric SA
MS7310D INTERSEMA-MS7310D Datasheet
195Kb / 4P
LOW PRESSURE SENSOR DIE (0 to 10 kPa)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com