Electronic Components Datasheet Search
  English  ▼

X  

IXSH45N120B Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSH45N120B
Description  High Voltage IGBT S Series - Improved SCSOA Capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH45N120B Datasheet(HTML) 2 Page - IXYS Corporation

  IXSH45N120B Datasheet HTML 1Page - IXYS Corporation IXSH45N120B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
16
23
S
Note 2
C
ies
3300
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
240
pF
C
res
65
pF
Q
g
120
nC
Q
ge
I
C
= I
C90, VGE = 15 V, VCE = 0.5 VCES
40
nC
Q
gc
45
nC
t
d(on)
36
ns
t
ri
27
ns
t
d(off)
360
500
ns
t
fi
380
750
ns
E
off
13
22
mJ
t
d(on)
38
ns
t
ri
29
ns
E
on
2.9
mJ
t
d(off)
440
ns
t
fi
700
ns
E
off
22
mJ
R
thJC
0.42 K/W
R
thCK
(TO-247)
0.25
K/W
Inductive load, T
J = 125°C
I
C
= I
C90, VGE = 15 V
R
G
= 5
W, V
CE = 0.8 VCES
Note 3
Inductive load, T
J = 25°C
I
C
= I
C90, VGE = 15 V
R
G
= 5
W
V
CE = 0.8 VCES
Note 3
Notes: 1.
Device must be heatsunk for high temperature leakage current
measurements to avoid thermal runaway.
2.
Pulse test, t
£ 300 ms, duty cycle £ 2 %
3.
Switching times may increase for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G.
IXSH 45N120B
IXST 45N120B
TO-247 AD (IXSH) Outline
Dim. Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780 0.800
B
20.80 21.46
0.819 0.845
C
15.75 16.26
0.610 0.640
D
3.55
3.65
0.140 0.144
E
4.32
5.49
0.170 0.216
F
5.4
6.2
0.212 0.244
G
1.65
2.13
0.065 0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040 0.055
K
10.8
11.0
0.426 0.433
L
4.7
5.3
0.185 0.209
M
0.4
0.8
0.016 0.031
N
1.5
2.49
0.087 0.102
TO-268AA (D3 PAK)
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.9
5.1
.193
.201
A
1
2.7
2.9
.106
.114
A
2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b
2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80
14.00
.543
.551
E
15.85
16.05
.624
.632
E
1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70
19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161
Min. Recommended Footprint
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com