Electronic Components Datasheet Search
  English  ▼

X  

IXTT50N30 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTT50N30
Description  Advance Technical Information High Current Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT50N30 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTT50N30 Datasheet HTML 1Page - IXYS Corporation IXTT50N30 Datasheet HTML 2Page - IXYS Corporation IXTT50N30 Datasheet HTML 3Page - IXYS Corporation IXTT50N30 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 IXYS All rights reserved
Fig. 2. Extended Output Characteristics
@ 25 deg. C
0
20
40
60
80
100
120
140
03
69
12
15
V
DS - V olts
VGS= 10V
9V
8V
5V
6V
7V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
10
20
30
40
50
0
1
2
3456
78
V
DS - Volts
VGS= 10V
9V
8V
7V
5V
6V
Fig. 1. Output Characteristics
@ 25 Deg. C
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
3.5
V
DS - Volts
VGS= 10V
9V
8V
7V
5V
6V
Fig. 4. RDS(on) Normalized to ID25 Value vs.
Junction Temperature
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
ID= 50A
ID= 25A
VGS= 10V
Fig. 6. Drain Current vs. Case
Temperature
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
150
T
C - Degrees Centigrade
Fig. 5. RDS(on) Normalized to ID25
Value vs. ID
0.6
1
1.4
1.8
2.2
2.6
3
3.4
0
204060
80
100
120
140
I
D - A mperes
TJ = 125ºC
TJ = 25ºC
VGS= 10V
IXTH 50N30
IXTT 50N30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com