Electronic Components Datasheet Search
  English  ▼

X  

IXTH50N25T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH50N25T
Description  Trench Gate Power MOSFET N-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH50N25T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH50N25T Datasheet HTML 1Page - IXYS Corporation IXTH50N25T Datasheet HTML 2Page - IXYS Corporation IXTH50N25T Datasheet HTML 3Page - IXYS Corporation IXTH50N25T Datasheet HTML 4Page - IXYS Corporation IXTH50N25T Datasheet HTML 5Page - IXYS Corporation IXTH50N25T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
250
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
250
V
V
GSM
Transient
±
30
V
I
D25
T
C = 25°C50
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
130
A
I
A
T
C = 25°C
5
A
E
AS
T
C = 25°C
1.5
J
P
D
T
C = 25°C
400
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062in.) from Case for 10s
300
°C
Plastic Body for 10 s
260
°C
M
d
Mounting Torque (TO-220, TO-3P &TO-247)
1.13 / 10
Nmlb.in.
F
C
Mounting Force (TO-263)
10..65 / 2.2..14.6
N/lb.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-3P
5.5
g
TO-247
6.0
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ .
Max.
BV
DSS
V
GS = 0V, ID = 1mA
250
V
V
GS(th)
V
DS = VGS, ID = 1mA
3.0
5.0
V
I
GSS
V
GS = ± 20V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS, VGS = 0V
1
μA
T
J = 125°C
150
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
60 m
Ω
Trench Gate
Power MOSFET
N-Channel Enhancement Mode
Features
Avalanche Rated
High Current Handling Capability
Fast Intrinsic Rectifier
Low R
DS(on)
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
DC-DC Coverters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
AC and DC Motor Drives
Uninterrupted Power Supplies
High Speed Power Switching
Applications
V
DSS
= 250V
I
D25
= 50A
R
DS(on) ≤
≤≤≤≤ 60m
Ω
Ω
Ω
Ω
Ω
DS99346B(01/10)
IXTA50N25T IXTQ50N25T
IXTP50N25T IXTH50N25T
G D
S
TO-220AB (IXTP)
D (Tab)
TO-263 AA (IXTA)
G
S
D (Tab)
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-3P (IXTQ)
G
D
S
D (Tab)
TO-247 (IXTH)
G
D
S
D (Tab)


Similar Part No. - IXTH50N25T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH50N20 IXYS-IXTH50N20 Datasheet
111Kb / 4P
MegaMOS FET
logo
Inchange Semiconductor ...
IXTH50N20 ISC-IXTH50N20 Datasheet
380Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH50N25T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMM50-025TF IXYS-FMM50-025TF Datasheet
101Kb / 2P
Trench Gate HiperFET N-Channel Power MOSFET
FMM60-02TF IXYS-FMM60-02TF Datasheet
101Kb / 2P
Trench Gate HiperFET N-Channel Power MOSFET
IXTA102N15T IXYS-IXTA102N15T Datasheet
239Kb / 7P
Trench Gate Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA76N25T IXYS-IXTA76N25T Datasheet
213Kb / 6P
Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
IXTA86N20T IXYS-IXTA86N20T Datasheet
191Kb / 6P
Trench Gate Power MOSFET N-Channel Enhancement Mode Avalanche Rated
IXTA90N15T IXYS-IXTA90N15T Datasheet
198Kb / 6P
Preliminary Technical Information Trench Gate Power MOSFET N-Channel Enhancement Mode
logo
Solid States Devices, I...
FT0020 SSDI-FT0020 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
FT0021 SSDI-FT0021 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
FT0021 SSDI-FT0021_15 Datasheet
43Kb / 2P
N-Channel Trench Gate MOSFET
logo
Unisonic Technologies
UTT75N75M UTC-UTT75N75M Datasheet
649Kb / 9P
75A, 75V N-CHANNEL ENHANCEMENT MODE TRENCH POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com