Electronic Components Datasheet Search
  English  ▼

X  

IXDD504SIA Datasheet(PDF) 12 Page - IXYS Corporation

Part # IXDD504SIA
Description  4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD504SIA Datasheet(HTML) 12 Page - IXYS Corporation

Back Button IXDD504SIA Datasheet HTML 5Page - IXYS Corporation IXDD504SIA Datasheet HTML 6Page - IXYS Corporation IXDD504SIA Datasheet HTML 7Page - IXYS Corporation IXDD504SIA Datasheet HTML 8Page - IXYS Corporation IXDD504SIA Datasheet HTML 9Page - IXYS Corporation IXDD504SIA Datasheet HTML 10Page - IXYS Corporation IXDD504SIA Datasheet HTML 11Page - IXYS Corporation IXDD504SIA Datasheet HTML 12Page - IXYS Corporation IXDD504SIA Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Copyright © 2007 IXYS CORPORATION All rights reserved
IXDD504 / IXDE504
When designing a circuit to drive a high speed MOSFET
utilizing the IXDD504 or IXDE504, it is very important to keep
certain design criteria in mind, in order to optimize performance
of the driver. Particular attention needs to be paid to Supply
Bypassing, Grounding, and minimizing the Output Lead
Inductance.
Say, for example, we are using the IXDD504 to charge a
2500pF capacitive load from 0 to 25 volts in 25ns.
Using the formula: I
C = C (∆V / ∆t), where ∆V=25V C=2500pF
and
∆t=25ns we can determine that to charge 2500pF to 25
volts in 25ns will take a constant current of 2.5A. (In reality, the
charging current won’t be constant, and will peak somewhere
around 4A).
SUPPLYBYPASSING
In order for our design to turn the load on properly, the IXDD504
must be able to draw this 2.5A of current from the power supply
in the 25ns. This means that there must be very low impedance
between the driver and the power supply. The most common
method of achieving this low impedance is to bypass the
power supply at the driver with a capacitance value that is a
magnitude larger than the load capacitance.
Usually, this
would be achieved by placing two different types of bypassing
capacitors, with complementary impedance curves, very close
to the driver itself.
(These capacitors should be carefully
selected, low inductance, low resistance, high-pulse current-
service capacitors). Lead lengths may radiate at high frequency
due to inductance, so care should be taken to keep the lengths
of the leads between these bypass capacitors and the IXDD504
to an absolute minimum.
GROUNDING
In order for the design to turn the load off properly, the IXDD504
must be able to drain this 2.5A of current into an adequate
grounding system. There are three paths for returning current
that need to be considered: Path #1 is between the IXDD504
and it’s load. Path #2 is between the IXDD504 and it’s power
supply. Path #3 is between the IXDD504 and whatever logic
is driving it. All three of these paths should be as low in
resistance and inductance as possible, and thus as short as
practical. In addition, every effort should be made to keep
these three ground paths distinctly separate. Otherwise, (for
instance), the returning ground current from the load may
develop a voltage that would have a detrimental effect on the
logic line driving the IXDD504.
OUTPUTLEADINDUCTANCE
Of equal importance to Supply Bypassing and Grounding are
issues related to the Output Lead Inductance. Every effort
should be made to keep the leads between the driver and it’s
load as short and wide as possible. If the driver must be
placed farther than 0.2” from the load, then the output leads
should be treated as transmission lines.
In this case, a
twisted-pair should be considered, and the return line of each
twisted pair should be placed as close as possible to
the
ground pin of the driver, and connect directly to the ground
terminal of the load.
Supply Bypassing and Grounding Practices, Output Lead inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com