Electronic Components Datasheet Search
  English  ▼

X  

PE39428 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39428
Description  SMA Male Right Angle to SMA Female Bulkhead Semi- Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39428 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39428 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39428 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39428 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Cable Assembly
Cable Type
PE-SR402FL
Temperature
Temperature Operating Range, deg C
-55 to +125
Diameter, in [mm]
0.139 [3.53]
.
Weight, lbs [g]
0.027 [12.25]
One Time Minimum Bend Radius, in [mm]
0.75 [19.05]
Repeated Minimum Bend Radius, in [mm]
1.57 [39.88]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
NoofShields
1
Dielectric Type
PTFE
Connector 1
Type
SMA Male Right Angle
Configuration
RightAngle
Connector 2
Type
SMA Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Valuesat25°C,sealevel
SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS from
PasternackEnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberoptic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable Using PE-
SR402FL Coax, RoHS PE39428
URL:
http://www.pasternack.com/sma-male-sma-female-pe-sr402fl-cable-assembly-pe39428-p.aspx
PE39428 REV
PE39428
SMA Male Right Angle to SMA Female Bulkhead Semi-
Flexible Precision Cable Using PE-SR402FL Coax, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com