Electronic Components Datasheet Search
  English  ▼

X  

PI3C3126LEX Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3C3126LEX
Description  2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit, 2-Port Bus Switch with Individual Enables
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3126LEX Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3C3126LEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3126LEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3126LEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3126LEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C3126LEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3C3126LEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3C3126LEX Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PI3C3126
2.5V/3.3V, High Bandwidth, Hot Insertion,4-Bit,
2-Port Bus Switch with Individual Enables
PS9087
10/29/09
Note:
StressesgreaterthanthoselistedunderMAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other
conditionsabovethoseindicatedintheoperational
sectionsofthisspecificationisnotimplied.Exposure
toabsolutemaximumratingconditionsforextended
periodsmayaffectreliability.
Maximum Ratings
(Abovewhichtheusefullifemaybeimpaired.Foruserguidelines,nottested.)
StorageTemperature............................................................–65°Cto+150°C
AmbientTemperaturewithPowerApplied...........................–40°Cto+85°C
SupplyVoltagetoGroundPotential(Inputs&VCCOnly).....–0.5Vto+4.6V
SupplyVoltagetoGroundPotential(Outputs&D/OOnly)..–0.5Vto+4.6V
DCInputVoltage....................................................................–0.5Vto+5.5V
DCOutputCurrent............................................................................... 120mA
PowerDissipation................................................................................... 0.5W
16-Pin Configuration
14-Pin Configuration
Pin Description
Pin Name
Description
BEn
SwitchEnable
A3-A0
BusA
B3-B0
BusB
VCC
Power
GND
Ground
Truth Table(1)
BEn
An
Bn
VCC
Function
X
Hi-Z
Hi-Z
GND
Disconnect
L
Hi-Z
Hi-Z
VCC
Disconnect
H
Bn
An
VCC
Disconnect
Note:
1.H=HighVoltageLevel,L=LowVoltageLevel
HI-Z=HighImpedance,X=Don’tCare
* Apull-upresistorshouldbeprovidedforpower-upprotection.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Vcc
BE3
A3
B3
BE2
A2
B2
BE0
A0
B0
BE1
A1
B1
GND
14-PIN
W14
L14
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vcc
BE3
A3
B3
BE2
A2
B2
NC
NC
BE0
A0
B0
BE1
A1
B1
GND
16-PIN
Q16
09-0072



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com