Electronic Components Datasheet Search
  English  ▼

X  

PI5C3253LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5C3253LE
Description  Dual 4:1 Mux/DeMux Bus Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3253LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI5C3253LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3253LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3253LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3253LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3253LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3253LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5C3253LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PI5C3253
Dual 4:1 Mux/DeMux Bus Switch
7
PS7017H
06/11/09
Ordering Information
Ordering Code
Package Code
Package Description
PI5C3253QE
Q
Pb-free & Green, 16-pin 150-mil wide QSOP
PI5C3253LE
L
Pb-free & Green, 16-pin 173-mil wide TSSOP
PI5C3253WE
W
Pb-free & Green, 16-pin 150-mil wide SOIC
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free and Green
• Adding an X suffix = Tape/Reel
Packaging Mechanical: 16-pin SOIC (W)
SEATING PLANE
.050
BSC
1
16
0-8˚
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.386
.393
9.80
10.00
1.27
.053
.068
1.35
1.75
.2284
.2440
5.80
6.20
.0040
.0098
0.10
0.25
.013
.020
.0155
.0260
0.330
0.508
0.393
0.660
.0075
.0098
0.25
0.50
.0099
.0196
x 45˚
0.19
0.25
.016
.050
0.41
1.27
REF
DESCRIPTION: 16-Pin, 150-Mil Wide, SOIC
PACKAGE CODE: W
DOCUMENT CONTROL NO.
PD - 1004
REVISION: E
DATE: 03/09/05
Notes:
1) Controlling dimensions in millimeters.
2) Ref: JEDEC MS-012D/AC
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
09-0120



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com