Electronic Components Datasheet Search
  English  ▼

X  

PI3B3125LE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3B3125LE
Description  3.3V, 4-Bit, 2-Port Nanoswitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3125LE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3B3125LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3B3125LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PI3B3125/PI3B3126
3.3V, 4-Bit, 2-Port NanoSwitch™
w/Individual Enables
5
PS8153F
09/09/04
Packaging Mechanical: 14-pin SOIC (W)
Packaging Mechanical: 14-pin TSSOP (L)
SEATING PLANE
.050
BSC
1
14
x 45˚
0-8˚
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.336
.344
8.55
8.75
.0155
.026
0.393
0.660
1.27
.053
.068
1.35
1.75
.2284
.2440
5.80
6.20
.013
.020
0.330
0.508
.0040
.0098
0.10
0.25
.0099
.0196
0.25
0.50
.0075
.0098
0.19
0.25
.016
.050
0.41
1.27
REF
0.193
0.201
0.047
0.002
0.006
SEATING
PLANE
0.0256
typical
0.018
0.030
0.004
0.008
0.240
0.264
1
14
0.169
0.177
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.05
0.15
6.1
6.7
0.45
0.75
0.09
0.20
4.3
4.5
1.20
max.
4.90
5.10
0.65
0.19
0.30
0.007
0.012



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com