Electronic Components Datasheet Search
  English  ▼

X  

PI74LVC3245ALE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI74LVC3245ALE
Description  8-Bit Dual Supply Bus Transceiver with 3-State Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVC3245ALE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI74LVC3245ALE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVC3245ALE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PI74LVC3245A
8-Bit Dual Supply Bus Transceiver
with 3-State Outputs
8
PS8699C
11/10/08
Packaging Mechanical: 24-pin TSSOP (L)
.303
.311
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.252
BSC
1
24
.169
.177
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
7.7
7.9
0.65
0.19
0.30
.007
.012
Max
DESCRIPTION: 24-Pin, 173-Mil Wide, TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL NO.
PD - 1312
REVISION: E
DATE: 03/09/05
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
Note:
1.
Package Outline Exclusive of Mold Flash and Metal Burr
2.
Controlling dimentions in millimeters
3.
Ref: JEDEC MO-153F/AD
08-0291



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com