Electronic Components Datasheet Search
  English  ▼

X  

DS1621 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1621
Description  Digital Thermometer and Thermostat
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1621 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1621 Datasheet HTML 1Page - Maxim Integrated Products DS1621 Datasheet HTML 2Page - Maxim Integrated Products DS1621 Datasheet HTML 3Page - Maxim Integrated Products DS1621 Datasheet HTML 4Page - Maxim Integrated Products DS1621 Datasheet HTML 5Page - Maxim Integrated Products DS1621 Datasheet HTML 6Page - Maxim Integrated Products DS1621 Datasheet HTML 7Page - Maxim Integrated Products DS1621 Datasheet HTML 8Page - Maxim Integrated Products DS1621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS1621
4 of 16
Table 2. TEMPERATURE/DATA RELATIONSHIPS
TEMPERATURE
DIGITAL OUTPUT
(Binary)
DIGITAL OUTPUT
(Hex)
+125°C
01111101 00000000
7D00h
+25°C
00011001 00000000
1900h
+½°C
00000000 10000000
0080h
+0°C
00000000 00000000
0000h
-½°C
11111111 10000000
FF80h
-25°C
11100111 00000000
E700h
-55°C
11001001 00000000
C900h
Since data is transmitted over the 2-wire bus MSB first, temperature data may be written to/read from the
DS1621 as either a single byte (with temperature resolution of 1
°C) or as two bytes. The second byte
would contain the value of the least significant (0.5
°C) bit of the temperature reading as shown in Table
1. Note that the remaining 7 bits of this byte are set to all "0"s.
Temperature is represented in the DS1621 in terms of a ½
°C LSB, yielding the following 9-bit format:
Figure 2. TEMPERATURE, TH, and TL FORMAT
T = -25
°C
Higher resolutions may be obtained by reading the temperature and truncating the 0.5
°C bit (the LSB)
from the read value. This value is TEMP_READ. A Read Counter command should be issued to yield the
COUNT_REMAIN value.
The Read Slope command should then be issued to obtain the
COUNT_PER_C value. The higher resolution temperature may be then be calculated by the user using
the following:
TEMPERATURE=TEMP_READ-0.25 +
C
PER
COUNT
REMAIN
COUNT
C
PER
COUNT
_
_
)
_
_
_
(
-
The DS1621 always powers up in a low power idle state, and the Start Convert T command must be used
to initiate conversions.
The DS1621 can be programmed to perform continuous consecutive conversions (continuous-conversion
mode) or to perform single conversions on command (one-shot mode). The conversion mode is
programmed through the 1SHOT bit in the configuration register as explained in the Operation and
Control section of this datasheet. In continuous conversion mode, the DS1621 begins continuous
conversions after a Start Convert T command is issued. Consecutive conversions continue to be
performed until a Stop Convert T command is issued, at which time the device goes into a low-power idle
state. Continuous conversions can be restarted at any time using the Start Convert T command.
1
1
1
0
0
1
1
1
0
0
0
0
0
0
0
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com