Electronic Components Datasheet Search
  English  ▼

X  

PE39437 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39437
Description  SMA Male to SMA Male Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39437 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39437 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39437 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39437 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Hand Formable SMA Male to SMA Male Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly
preformed assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-
rigid counterpart and have a tinned-copper-braid outer shield that provides excellent RF shielding. The hand formable
cable assemblies from Pasternack do not require special tooling to shape or reshape the assemblies and can replace
standard semi-rigid versions. The assemblies are available with or without a PVC jacket and are RoHS compliant,
• Dimensionally and electrically the same as standard, solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require special tools to bend
• May be formed more than once without damaging the outer conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
Configuration
Connector 1
SMA Male
Connector 2
SMA Male
Cable Type
PE-SR402FLJ
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.35:1
Velocity of Propagation, %
69
RF Shielding, dB
100
Maximum Operating Voltage, Vrms
335
Typical Electrical Specifications
Frequency 1
Frequency, MHz
1000
Insertion Loss
0.119 dB/ft [ 0.39 dB/m ]
Frequency 2
Frequency, GHz
5
Insertion Loss
0.28 dB/ft [ 0.92 dB/m ]
Frequency 3
Frequency, GHz
10
Insertion Loss
0.421 dB/ft [ 1.38 dB/m ]
ElectricalSpecificationNotes:
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male to SMA Male Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39437
PE39437 REV
PE39437
SMA Male to SMA Male Semi-Flexible Precision
Cable Using PE-SR402FLJ Coax, RoHS


Similar Part No. - PE39437

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39437-12 PASTERNACK-PE39437-12 Datasheet
386Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 12 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-18 PASTERNACK-PE39437-18 Datasheet
387Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 18 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-24 PASTERNACK-PE39437-24 Datasheet
386Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 24 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-6 PASTERNACK-PE39437-6 Datasheet
387Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 6 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
PE39437-9 PASTERNACK-PE39437-9 Datasheet
386Kb / 4P
SMA Male to SMA Male Semi-Flexible Cable 9 Inch Length Using PE-SR402FLJ Coax with HeatShrink, LF Solder, RoHS
More results

Similar Description - PE39437

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39415 PASTERNACK-PE39415 Datasheet
334Kb / 3P
SMA Male to SMA Male Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39423 PASTERNACK-PE39423 Datasheet
336Kb / 4P
SMA Male to SMA Male Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39429 PASTERNACK-PE39429 Datasheet
336Kb / 3P
SMA Male to SMA Male Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39438 PASTERNACK-PE39438 Datasheet
339Kb / 3P
SMA Male Right Angle to SMA Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39440 PASTERNACK-PE39440 Datasheet
336Kb / 3P
SMA Male to SMA Female Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39441 PASTERNACK-PE39441 Datasheet
339Kb / 3P
SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39469 PASTERNACK-PE39469 Datasheet
339Kb / 3P
SMA Male to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39439 PASTERNACK-PE39439 Datasheet
337Kb / 3P
SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
PE39440-6 PASTERNACK-PE39440-6 Datasheet
340Kb / 4P
SMA Male to SMA Female Semi-Flexible Precision Cable 6 Inch Length Using PE-SR402FLJ Coax, RoHS
PE39441 PASTERNACK-PE39441_15 Datasheet
372Kb / 4P
SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FLJ Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com