Electronic Components Datasheet Search
  English  ▼

X  

PE39462 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39462
Description  SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39462 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39462 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39462 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39462 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Temperature
Temperature Operating Range, deg C
-55 to +125
Diameter, in [mm]
0.098 [2.49]
.
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.37 [9.4]
Repeated Minimum Bend Radius, in [mm]
0.787 [19.99]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.098 [2.49]
Connector 1
Type
SMA Male Right Angle
Configuration
RightAngle
Connector 2
Type
N Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS from
PasternackEnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberoptic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price,inventoryandcertifications: SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-
SR405FLJ Coax, RoHS PE39462
URL:
http://www.pasternack.com/sma-male-n-female-pe-sr405flj-cable-assembly-pe39462-p.aspx
PE39462 REV
PE39462
SMA Male Right Angle to N Female Bulkhead Semi-Flexible
Precision Cable Using PE-SR405FLJ Coax, RoHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com